Electronic Components Datasheet Search
  English  ▼

X  

ALN2504AT Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN2504AT
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2504AT Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN2504AT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2504AT Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2504AT Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2504AT Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
August 2017
plerowTM ALN2504AT
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-13.19
-12.21
14.01
0.99
0.778
16.95
32.70
53
4.6
-13.24
-12.19
14.05
0.98
0.779
17.14
32.94
55
4.7
-13.33
-12.14
14.09
0.98
0.787
17.36
33.19
57
4.8
-13.39
-12.09
14.12
0.97
0.795
17.55
33.24
60
4.9
-13.41
-11.95
14.14
0.97
0.798
17.74
32.88
62
5.0
-13.48
-11.94
14.15
0.96
0.800
17.92
32.69
64
5.1
-13.50
-11.84
14.17
0.96
0.802
18.05
32.50
66
5.2
-13.55
-11.78
14.20
0.95
0.814
18.26
32.05
68
5.3
-13.59
-11.69
14.22
0.95
0.825
18.41
31.78
70
5.4
-13.62
-11.60
14.23
0.95
0.834
18.56
31.59
72
5.5
-13.64
-11.52
14.24
0.95
0.840
18.71
31.26
73
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-13.61
-10.17
15.25
0.90
0.489
17.99
29.43
61
- 20
C
-13.67
-10.63
15.08
0.93
0.617
17.99
31.44
63
0
C
-13.74
-10.73
14.94
0.93
0.706
17.94
32.47
63
25
C
-13.72
-10.63
14.80
0.94
0.807
17.88
32.79
64
40
C
-13.68
-10.51
14.72
0.94
0.889
17.73
32.17
64
60
C
-13.67
-10.38
14.52
0.94
1.014
17.42
30.78
64
80
C
-13.68
-10.16
14.41
0.95
1.107
17.12
30.42
62
100
C
-13.67
-9.95
14.25
0.95
1.249
16.65
29.04
61
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com