Electronic Components Datasheet Search
  English  ▼

X  

ALN2505AT Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN2505AT
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2505AT Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN2505AT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2505AT Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2505AT Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2505AT Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
July 2017
plerowTM ALN2505AT
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
2300 MHz
2500 MHz
2700 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
14.25
-14.48
-15.20
13.56
1.43
-16.11
-14.31
12.82
-14.71
-13.55
4.75 V
14.32
-14.76
-14.73
13.63
1.43
-16.38
-13.96
12.89
-14.90
-13.35
5.00 V
14.36
-15.02
-14.30
13.67
1.42
-16.65
-13.67
12.94
-15.05
-13.14
5.25 V
14.40
-15.28
-13.83
13.71
1.42
-16.92
-13.27
12.98
-15.23
-12.78
5.50 V
14.43
-15.44
-13.40
13.73
1.42
-17.12
-12.91
13.01
-15.35
-12.54
2300 MHz
2500 MHz
2700 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
34.88
17.76
0.496
34.59
17.87
0.537
37.72
18.12
0.585
4.75 V
37.56
18.31
0.517
36.23
18.38
0.549
38.24
18.51
0.600
5.00 V
37.10
18.78
0.538
36.75
18.84
0.564
36.16
18.87
0.606
5.25 V
36.05
19.28
0.538
36.09
19.32
0.550
34.27
19.24
0.631
5.50 V
34.74
19.76
0.553
35.16
19.69
0.567
33.39
19.57
0.664
2300 MHz
2500 MHz
2700 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
15.21
-14.88
-14.16
14.56
1.50
-15.28
-12.97
13.71
-13.48
-12.39
-10
C
15.01
-14.26
-15.34
14.36
1.51
-14.58
-13.97
13.50
-13.04
-13.38
25
C
14.88
-13.90
-15.02
14.24
1.50
-14.46
-14.13
13.38
-13.11
-13.87
60
C
14.54
-14.33
-14.33
13.89
1.49
-14.85
-13.37
13.05
-13.29
-13.47
85
C
14.42
-14.41
-13.57
13.77
1.50
-15.07
-12.85
12.92
-13.58
-13.22
2300 MHz
2500 MHz
2700 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
34.02
18.73
0.221
34.16
18.80
0.358
34.44
18.82
0.404
-10
C
35.49
18.47
0.389
35.77
18.44
0.454
35.18
18.51
0.528
25
C
36.89
18.68
0.509
36.13
18.58
0.606
36.23
18.43
0.639
60
C
36.74
18.64
0.882
35.97
18.23
0.906
35.13
18.25
0.981
85
C
35.30
18.58
0.976
35.00
18.19
1.029
34.40
18.10
1.166
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com