Electronic Components Datasheet Search
  English  ▼

X  

LT6231IDD Datasheet(PDF) 15 Page - Linear Technology

Part # LT6231IDD
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231IDD Datasheet(HTML) 15 Page - Linear Technology

Back Button LT6231IDD Datasheet HTML 11Page - Linear Technology LT6231IDD Datasheet HTML 12Page - Linear Technology LT6231IDD Datasheet HTML 13Page - Linear Technology LT6231IDD Datasheet HTML 14Page - Linear Technology LT6231IDD Datasheet HTML 15Page - Linear Technology LT6231IDD Datasheet HTML 16Page - Linear Technology LT6231IDD Datasheet HTML 17Page - Linear Technology LT6231IDD Datasheet HTML 18Page - Linear Technology LT6231IDD Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
sn623012 623012fas
LT6230/LT6230-10/
LT6231/LT6232
TEMPERATURE (
°C)
–55
5
623012 G43
–35 –15
45
450
500
550
600
400
350
250
100
150
300
200
85
25
65
105 125
VS = ±5V FALLING
VS = ±2.5V RISING
AV = –10
RF = 1k
RG = 100Ω
VS = ±5V RISING
VS = ±2.5V FALLING
TYPICAL PERFOR A CE CHARACTERISTICS
Gain Bandwidth and Phase Margin
vs Temperature
Slew Rate vs Temperature
Series Output Resistor and
Overshoot vs Capacitive Load
Open Loop Gain and Phase vs
Frequency
Gain Bandwidth and Phase Margin
vs Supply Voltage
Gain Bandwidth vs Resistor Load
Common Mode Rejection Ratio vs
Frequency
Maximum Undistorted Output
Signal vs Frequency
2nd and 3rd Harmonic Distortion vs
Frequency
TEMPERATURE (
°C)
–50
25
623012 G42
–25
0
50
1700
1500
1300
1100
900
70
80
60
50
40
75
100
125
VS = ±5V
VS = 3V, 0V
VS = ±5V
VS = 3V, 0V
PHASE MARGIN
GAIN BANDWIDTH
AV = 10
FREQUENCY (Hz)
90
80
70
60
50
40
30
20
10
0
–10
120
100
80
60
40
20
0
–20
–40
–60
–80
100k
10M
100M
1G
623012 G45
1M
AV = 10
CL = 5pF
RL = 1k
VCM = VS/2
VS = 3V, 0V
VS = ±5V
PHASE
GAIN
VS = ±5V
VS = 3V, 0V
TOTAL SUPPLY VOLTAGE (V)
0
6
623012 G46
24
8
1700
1450
1200
950
100
50
0
10
12
PHASE MARGIN
GAIN BANDWIDTH
TA = 25°C
AV = 10
CL = 5pF
RL = 1k
TOTAL RESISTOR LOAD (
Ω)
(INCLUDES FEEDBACK R)
0
600
623012 G47
200
400
800
1600
1400
1200
800
600
400
200
0
1000
1000
AV = 10
VS = ±5V
TA = 25°C
RF = 1k
RG = 100
FREQUENCY (Hz)
20
40
60
80
120
100
10k
1G
100M
100k
10M
623012 G48
0
1M
VS = 5V, 0V
VCM = VS/2
FREQUENCY (Hz)
10k
10
9
8
7
6
5
4
3
2
1
0
100k
1M
100M
10M
623012 G49
VS = ±5V
TA = 25°C
AV = 10
HD2 = HD3 ≤ 40dBc
FREQUENCY (Hz)
10k
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
623012 G50
VS = ±2.5V
AV = 10
VOUT = 2V(P–P)
RL = 100Ω, 3RD
RL = 100Ω, 2ND
RL = 1k, 3RD
RL = 1k, 2ND
CAPACITIVE LOAD (pF)
10
70
60
50
40
30
20
10
0
100
1000
10000
623012 G44
VS = 5V, 0V
AV = 10
RS = 10Ω
RS = 20Ω
RS = 50Ω
(LT6230-10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com