Electronic Components Datasheet Search
  English  ▼

X  

GS2A Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # GS2A
Description  2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

GS2A Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  GS2A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd GS2A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Classification Rating 94V-O
Built-in Strain Relief
Surge Overload Rating to 60A Peak
Ideally Suited for Automatic Assembly
Low Power Loss
Characteristic
Symbol
GS2A
GS2B
GS2D
GS2G
GS2J
GS2K
GS2M
Unit
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GS2A-GS2M
1 of 2
GS2A-GS2M
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Features
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop
!
!
!
!
Mechanical Data
!
Case: Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.093 grams (approx.)
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TL = 110°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 2.0A
VFM
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
200
µA
Reverse Recovery Time (Note 1)
trr
2.5
µS
Typical Junction Capacitance (Note 2)
Cj
30
pF
Typical Thermal Resistance (Note 3)
RJL
16
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
!
Plastic Case Material has UL Flammability
Dim
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
B
4.00
4.60
4.06
4.57
C
1.27
1.63
1.96
2.21
D
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.01
2.62
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
SMA
SMB
!
Lead Free: For RoHS / Lead Free Version
Alldatasheet


Similar Part No. - GS2A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS2A MCC-GS2A Datasheet
838Kb / 3P
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
logo
Gulf Semiconductor
GS2A GULFSEMI-GS2A Datasheet
164Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Micro Commercial Compon...
GS2A MCC-GS2A Datasheet
255Kb / 4P
2.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Yea Shin Technology Co....
GS2A YEASHIN-GS2A Datasheet
105Kb / 2P
SURFACE MOUNT RECTIFIER GLASS P ASSIVATED J UNCTION
logo
SHENZHEN YONGERJIA INDU...
GS2A WINNERJOIN-GS2A Datasheet
167Kb / 2P
Surface Mount Standard Rectifiers
More results

Similar Description - GS2A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S2A WTE-S2A Datasheet
41Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Daya Electric Group Co....
S2A DAYA-S2A Datasheet
46Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2KDF DIODES-S2KDF Datasheet
441Kb / 5P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 4
S2KDFQ DIODES-S2KDFQ Datasheet
350Kb / 5P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Sangdest Microelectroni...
S2A-M SMC-S2A-M Datasheet
176Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
S2A ZSELEC-S2A Datasheet
113Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2ABF ZSELEC-S2ABF Datasheet
167Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2AF ZSELEC-S2AF Datasheet
88Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2AW ZSELEC-S2AW Datasheet
87Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GF2A ZSELEC-GF2A Datasheet
74Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com