Electronic Components Datasheet Search
  English  ▼

X  

LM324KAD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM324KAD
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM324KAD Datasheet(HTML) 5 Page - Texas Instruments

  LM324KAD Datasheet HTML 1Page - Texas Instruments LM324KAD Datasheet HTML 2Page - Texas Instruments LM324KAD Datasheet HTML 3Page - Texas Instruments LM324KAD Datasheet HTML 4Page - Texas Instruments LM324KAD Datasheet HTML 5Page - Texas Instruments LM324KAD Datasheet HTML 6Page - Texas Instruments LM324KAD Datasheet HTML 7Page - Texas Instruments LM324KAD Datasheet HTML 8Page - Texas Instruments LM324KAD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V,
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066R − SEPTEMBER 1975 − REVISED JANUARY 2005
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
LM2902
ALL OTHER
DEVICES
UNIT
Supply voltage, VCC (see Note 1)
±13 or 26
±16 or 32
V
Differential input voltage, VID (see Note 2)
±26
±32
V
Input voltage, VI (either input)
−0.3 to 26
−0.3 to 32
V
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C,
VCC ≤ 15 V (see Note 3)
Unlimited
Unlimited
D package
86
86
DB package
96
96
Package thermal impedance,
θJA (see Notes 4 and 5)
N package
80
80
°C/W
Package thermal impedance,
θJA (see Notes 4 and 5)
NS package
76
76
C/W
PW package
113
113
FK package
5.61
Package thermal impedance,
qJC (see Notes 6 and 7)
J package
15.05
°C/W
Package thermal impedance,
qJC (see Notes 6 and 7)
W package
14.65
C/W
Operating virtual junction temperature, TJ
150
150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
J or W package
300
300
°C
Storage temperature range, Tstg
−65 to 150
−65 to 150
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
2. Differential voltages are at IN+, with respect to IN−.
3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
4. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
5. The package thermal impedance is calculated in accordance with JESD 51-7.
6. Maximum power dissipation is a function of TJ(max), qJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) − TC)/qJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
7. The package thermal impedance is calculated in accordance with MIL-STD-883.
ESD protection
TEST CONDITIONS
TYP
UNIT
Human-Body Model
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
±2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com