Electronic Components Datasheet Search
  English  ▼

X  

M54577P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54577P
Description  7-UNIT 30mA TRANSISTOR ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54577P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54577P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54577P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54577P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Jan.2000
ton
toff
50%
50%
50%
50%
OUTPUT
INPUT
(1)Pulse generator (PG) characteristics : PRR=1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, Zo = 50Ω, VP = 3VP-P
(2)Input-output conditions : RL = 500
Ω, Vo = 10V, VCC = 6V
(3)Electrostatic capacity CL includes floating capacitance at
connections and input capacitance at probes
PG
50
Ω
RL
OUTPUT
INPUT
VCC
Vo
CL
Measured device
—
—
—
—
0.4
1.3
1200
Collector-emitter breakdown voltage
Input current
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54577P
7-UNIT 300mA TRANSISTOR ARRAY
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –20 ~ +75
°C)
V (BR) CEO
II
V
30
—
—
30
—
—
500
—
0.25
0.35
90
0.9
2.3
—
Symbol
Unit
Parameter
Test conditions
Limits
min
typ*
max
V
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
ICEO = 100
µA
VCC = 4.5V, VI = 3V, IC = 10mA
VCC = 6V, VI = 3V, IC = 20mA
VCC = 4.5V, VI = 3V
VCC = 4.5V, VI = 3V
VCC = 13V, VI = 3V
VCE = 4V, VCC = 4.5V, IC = 20mA, Ta = 25
°C
VCE(sat)
Collector-emitter saturation voltage
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
VCC
IC
VIH
VIL
V
mA
V
V
4.5
0
3
0
5
10
—
—
13
20
VCC
1
Symbol
Unit
Parameter
Limits
min
typ
max
Supply voltage
Collector current (Current per 1 circuit)
“H” input voltage
“L” input voltage
ns
ns
—
—
210
3200
—
—
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
Turn-on time
Turn-off time
ton
toff
CL = 15pF (note 1)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
ICC
hFE
Supply current
(Only one time operation)
DC amplification factor
µA
—
mA
* : The typical values are those measured under ambient temperature (Ta) of 25
°C. There is no guarantee that these values are obtained un-
der any conditions.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com