Electronic Components Datasheet Search
  English  ▼

X  

ECSD07U Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECSD07U
Description  General Purpose Un-directional TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECSD07U Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECSD07U Datasheet HTML 1Page - E-CMOS Corporation ECSD07U Datasheet HTML 2Page - E-CMOS Corporation ECSD07U Datasheet HTML 3Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Un-directional TVS
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 3
4F13N-Rev. F001
ECSDxxU series
Device Characteristics
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp=8/20µs waveform)
PPP
500
Watts
Lead Soldering Temperature
TL
260 (10 sec.)
℃
Operating Temperature Range
TJ
-55 ~ 150
℃
Storage Temperature Range
TSTG
-55 ~ 150
℃
Electrical Characteristics (@25 °C)
Part Number
Device Marking
VRWM
(Volt)
VB
(Volt)
VC
(Volt)
IPP
(A)
IR
(uA)
CJ
(pF)
ECSD03U
3UW
3
3.8
20
28
300
450
ECSD05U
05W
5
6
22
23
10
200
ECSD07U
7UW
7
7.5
25
22
5
100
ECSD12U
DUW
12
13.3
28
20
1
75
ECSD15U
EUW
15
16.7
33
16
1
68
ECSD18U
FUW
18
19
45
13
1
57
ECSD24U
HUW
24
26.7
50
11
1
50
ECSD36U
KUW
36
40
72
7
1
40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com