Electronic Components Datasheet Search
  English  ▼

X  

MAX202CDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MAX202CDR
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX202CDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button MAX202CDR Datasheet HTML 3Page - Texas Instruments MAX202CDR Datasheet HTML 4Page - Texas Instruments MAX202CDR Datasheet HTML 5Page - Texas Instruments MAX202CDR Datasheet HTML 6Page - Texas Instruments MAX202CDR Datasheet HTML 7Page - Texas Instruments MAX202CDR Datasheet HTML 8Page - Texas Instruments MAX202CDR Datasheet HTML 9Page - Texas Instruments MAX202CDR Datasheet HTML 10Page - Texas Instruments MAX202CDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MAX202
5V DUAL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS576D − JULY 2003 − REVISED JANUARY 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
11
10
8
1
2
3
4
7
ROUT2
DIN2
9
RIN1
16
13
12
15
14
DIN1
5
6
+
−
VCC
C2+
C1+
GND
C1−
ROUT1
C2−
+
−
CBYPASS
= 0.1
µF
V+
+
−
+
−
RIN2
+
−
DOUT1
DOUT2
† C3 can be connected to VCC or GND.
NOTES: A. Resistor values shown are nominal.
B. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be
connected as shown.
V−
C1
0.1
µF,
6.3 V
C3†
0.1
µF,
16 V
C2
0.1
µF,
16 V
5 k
Ω
5 k
Ω
C4
0.1
µF,
16 V
Figure 4. Typical Operating Circuit and Capacitor Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com