Electronic Components Datasheet Search
  English  ▼

X  

SMBJ Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # SMBJ
Description  Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

SMBJ Datasheet(HTML) 2 Page - E-CMOS Corporation

  SMBJ Datasheet HTML 1Page - E-CMOS Corporation SMBJ Datasheet HTML 2Page - E-CMOS Corporation SMBJ Datasheet HTML 3Page - E-CMOS Corporation SMBJ Datasheet HTML 4Page - E-CMOS Corporation SMBJ Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Working Voltage: 5.0 to 440 V
Peak Pulse Power: 600 W
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 5
4E16N-Rev. P001
SMBJ Series
Maximum Ratings(TA=25℃ unless otherwise noted)
Note:
(1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
(2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute
maximum
(3)VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
Ratings and Characteristics Curves (TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
UNIT
Peak power dissipation with a
10/1000μs waveform(1)
PPP
600
W
Peak pulse current wih a
10/1000μs waveform(1)
IPP
See Next Table
A
Power dissipation on infinite heatsink at TL = 75 °C
PD
5.0
W
Peak forward surge current, 8.3 ms single half sine-
wave unidirectional only
(2)
IFSM
100
A
Maximum instantaneous forward voltage at 50 A for
(3)
unidirectional only
VF
3.5/5.0
V
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com