Electronic Components Datasheet Search
  English  ▼

X  

5KP Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # 5KP
Description  Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

5KP Datasheet(HTML) 1 Page - E-CMOS Corporation

  5KP Datasheet HTML 1Page - E-CMOS Corporation 5KP Datasheet HTML 2Page - E-CMOS Corporation 5KP Datasheet HTML 3Page - E-CMOS Corporation 5KP Datasheet HTML 4Page - E-CMOS Corporation 5KP Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Breakdown Voltage: 6.8 to 440 V
Peak Pulse Power: 5000 W
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 5
4F20N-Rev. F001
5KP Series
Features
◆ Glass passivated chip
◆ 5000 W peak pulse power capability with a 10/1000 µs waveform, repetitive rate (duty cycle):0.01 %
◆ Low leakage
◆ Uni and Bidirectional unit
◆ Excellent clamping capability
◆ Very fast response time
◆ RoHS compliant
Mechanical Data
◆ Case: Molded plastic
◆ Epoxy: UL 94V-0 rate flame retardant
◆ Lead: Solderable per MIL-STD-202, method 208 guranteed
◆ Polarity: Color band denotes cathode end except Bipolar
◆ Mounting position: Any
Axial Lead Transient Voltage Suppressors


Similar Part No. - 5KP

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP SURGE-5KP Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP WTE-5KP Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
5KP RECTRON-5KP Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
5KP EIC-5KP Datasheet
28Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Shenzhen Luguang Electr...
1N6267 LUGUANG-1N6267 Datasheet
191Kb / 4P
BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
5.0SMDJ E-CMOS-5.0SMDJ Datasheet
417Kb / 5P
Working Voltage: 11 to 440 V Peak Pulse Power: 5000 W
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
Rectron Semiconductor
5.0SMCJ RECTRON-5.0SMCJ Datasheet
521Kb / 6P
Reverse Voltage 11 ~ 440 V 5000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com