Electronic Components Datasheet Search
  English  ▼

X  

MBRD340 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBRD340
Description  SWITCHMODE Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRD340 Datasheet(HTML) 4 Page - ON Semiconductor

  MBRD340 Datasheet HTML 1Page - ON Semiconductor MBRD340 Datasheet HTML 2Page - ON Semiconductor MBRD340 Datasheet HTML 3Page - ON Semiconductor MBRD340 Datasheet HTML 4Page - ON Semiconductor MBRD340 Datasheet HTML 5Page - ON Semiconductor MBRD340 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBRD320, MBRD330, MBRD340, MBRD350, MBRD360
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Average Power Dissipation
0.7
1.0
0.1
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
10
VR, REVERSE VOLTAGE (VOLTS)
40
70
0
20
0.1
0.04
0.001
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
1.0
0
10
8.0
6.0
4.0
2.0
0
2.0
1.0
0.4
0.2
0.3
0.5
0.6
0.8
0.9
50
60
10
20
30
10
40
100
3.0
4.0
5.0
6.0
7.0
10
0.1
1.1
8.0
9.0
9.0
7.0
5.0
3.0
1.0
0.2
0.4
1.0
0.02
0.01
0.004
0.002
TJ = 25°C
150°C
125°C
75°C
TJ = 150°C
IPK/IAV = 20
SINE
WAVE
SQUARE
WAVE
dc
10
5
TJ = 150°C
*The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these curves if VR is sufficient below rated VR.
125°C
4.0
2.0
100°C
75°C
25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com