Electronic Components Datasheet Search
  English  ▼

X  

KBPC1000 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # KBPC1000
Description  10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

KBPC1000 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  KBPC1000 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd KBPC1000 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC10 SERIES
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
1 of 2
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
KBPC10 SERIES
Features
!
Diffused Junction
A
A
!
Low Reverse Leakage Current
C
C
!
Low Power Loss, High Efficiency
G
G
!
Electrically Isolated Metal Case for
~
~
+
Maximum Heat Dissipation
D
+
C
C
!
Case to Terminal Isolation Voltage 2500V
-
~
-
~
D
                  
H
H
Mechanical Data
E
E
!
Case: KBPC (Metal Case with Faston Lugs)
B
B
or KBPC-W (Metal Case with Wire Leads)
!
Terminals: Plated Faston Lugs or Wire Leads,
Add “W” Suffix to Indicate Wire Leads
!
Polarity: As Marked on Case
!
Mounting: Through Hole with #10 Screw
!
Mounting Torque: 23 cm-kg (20 in-lbs) Max.
!
Weight: 30 grams (KBPC); 28 grams (KBPC-W)
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
KBPC10
Characteristic
Symbol
00
01
02
04
06
08
10
12
14
16
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000 1200 1400 1600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
840
980
1120
V
Average Rectified Output Current @TA = 50°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
200
A
Forward Voltage per leg
@IF = 5.0A
VFM
1.2
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
1.0
µA
mA
I2t Rating for Fusing (t < 8.3ms)
I2t
166
A2s
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance per leg (Note 2)
RJC
3.0
°C/W
RMS Isolation Voltage from Case to Leads
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case, mounted on heatsink.
KBPC
KBPC-W
Dim
Min
Max
Min
Max
A
27.94
28.96
27.94
28.96
B
10.97
11.23
10.97
11.23
C
15.50
17.60
17.10
19.10
D
17.50
18.50
10.90
11.90
E
22.86
25.40
30.50
—
G
Hole for #10 screw, 5.08Ø Nominal
H
6.35 Typical
0.97Ø
1.07Ø
All Dimension in mm
KBPC
KBPC-W
Alldatasheet


Similar Part No. - KBPC1000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1000 WTE-KBPC1000 Datasheet
47Kb / 3P
10A HIGH CURRENT BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC1000 JGD-KBPC1000 Datasheet
124Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC1000 WTE-KBPC1000 Datasheet
54Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
KBPC1000 DIOTEC-KBPC1000 Datasheet
830Kb / 2P
Silicon-Bridge-Rectifiers
logo
ASEMI TECHNOLOGY., LTD
KBPC1000 ASEMI-KBPC1000 Datasheet
127Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - KBPC1000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ10A WTE-GBJ10A Datasheet
61Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC10 WTE-GBPC10 Datasheet
62Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC10S WTE-GBPC10S Datasheet
73Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBU1000G WTE-KBU1000G_06 Datasheet
52Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PB1000G WTE-PB1000G_06 Datasheet
62Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBJ10 NELLSEMI-GBJ10 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 10A
KBJ10 NELLSEMI-KBJ10 Datasheet
238Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 10A
GBU10 NELLSEMI-GBU10 Datasheet
159Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Zibo Seno Electronic En...
GBPC10 ZSELEC-GBPC10 Datasheet
89Kb / 2P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC1000 ZSELEC-GBPC1000 Datasheet
89Kb / 2P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com