Electronic Components Datasheet Search
  English  ▼

X  

AD4006 Datasheet(PDF) 17 Page - Analog Devices

Part # AD4006
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4006 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD4006 Datasheet HTML 13Page - Analog Devices AD4006 Datasheet HTML 14Page - Analog Devices AD4006 Datasheet HTML 15Page - Analog Devices AD4006 Datasheet HTML 16Page - Analog Devices AD4006 Datasheet HTML 17Page - Analog Devices AD4006 Datasheet HTML 18Page - Analog Devices AD4006 Datasheet HTML 19Page - Analog Devices AD4006 Datasheet HTML 20Page - Analog Devices AD4006 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Preliminary Technical Data
AD4002/AD4006/AD4010
Rev. PrA | Page 17 of 36
THEORY OF OPERATION
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
C
C
2C
65,536C
4C
131,072C
LSB
SW+
MSB
LSB
SW–
MSB
C
C
2C
65,536C
4C
131,072C
IN+
REF
GND
IN–
Figure 31. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD4002/AD4006/AD4010 are high speed, low power,
single-supply, precise, 18-bit pseudo differential ADCs based on
a SAR architecture.
The AD4002 is capable of converting 2,000,000 samples per
second (2 MSPS), the AD4006 is capable of converting
1,000,000 samples per second (1 MSPS), and the AD4010 is
capable of converting 500,000 samples per second (500 kSPS).
The power consumption of the AD4002/AD4006/AD4010
scales with throughput because the devices power down in
between conversions. When operating at 10 kSPS, for example,
they typically consume 70 µW, making them ideal for battery-
powered applications. The AD4002/AD4006/AD4010 also have
a valid first conversion after being powered down for long
periods, which can further reduce power consumed in applications
in which the ADC does not need to be constantly converting.
The AD4002/AD4006/AD4010 provide the user with an on-
chip track-and-hold and do not exhibit any pipeline delay or
latency, making them ideal for multiplexed applications.
The AD4002/AD4006/AD4010 incorporate a multitude of
unique ease of use features that result in a lower system power
and footprint.
The AD4002/AD4006/AD4010 each have an internal voltage
clamp that protects the device from overvoltage damage on the
analog inputs.
The analog input incorporates circuitry that reduces the nonlinear
charge kickback seen from a typical switched capacitor SAR input.
This reduction in kickback, combined with a longer acquisition
phase, means reduced settling requirements on the driving
amplifier. This combination allows the use of lower bandwidth
and lower power amplifiers as drivers. It has the additional benefit
of allowing a larger resistor value in the input RC filter and a
corresponding smaller capacitor, which results in a smaller RC load
for the amplifier, improving stability and power dissipation.
High-Z mode can be enabled via the SPI interface by programming
a register bit (see Table 14). When high-Z mode is enabled,
the ADC input has a low input charging current at low input
signal frequencies as well as improved distortion over a wide
frequency range up to 100 kHz. For frequencies greater than
100 kHz and multiplexing, disable high-Z mode.
For single-supply applications, a span compression feature
creates additional headroom and footroom for the driving
amplifier to access the full range of the ADC.
The fast conversion time of the AD4002/AD4006/AD4010,
along with turbo mode, allows low clock rates to read back
conversions, even when running at their respective maximum
throughput rates. Note that, for the AD4002, the full throughput
rate of 2 MSPS can be achieved only with turbo mode enabled.
The AD4002/AD4006/AD4010 can interface with any 1.8 V to
5 V digital logic family. They are available in a 10-lead MSOP
or a tiny 10-lead LFCSP that allows space savings and flexible
configurations.
The AD4002/AD4006/AD4010 are pin for pin compatible with
some of the 14-/16-/18-/20-bit precision SAR ADCs listed in
Table 8.
Table 8. MSOP, LFCSP 14-/16-/18-/20-Bit Precision SAR ADCs
Bits
100 kSPS
250 kSPS
400 kSPS to
500 kSPS
≥1000 kSPS
201
AD40202
181
AD7989-12
AD76912
AD40112,
AD76902,
AD7989-52
AD40032,
AD40072,
AD79822,
AD79842
183
AD40102
AD40022,
AD40062
161
AD7684
AD76872
AD76882,
AD76932,
AD79162
AD40012,
AD40052,
AD79152
163
AD7680,
AD7683,
AD7988-12
AD76852,
AD7694
AD76862,
AD7988-52,
AD40082
AD40002,
AD40042,
AD79802,
AD79832
143
AD7940
AD79422
AD79462
Not applicable
1
True differential.
2
Pin for pin compatible.
3
Pseudo differential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com