Electronic Components Datasheet Search
  English  ▼

X  

US3MBF Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # US3MBF
Description  3.0A SURFACE MOUNT ULTRAFAST DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

US3MBF Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  US3MBF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd US3MBF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C
I
65°
Characteristic
-65 to +150
°C
3.0A SURFACE MOUNT ULTRAFAST DIODE
50
75
nS
35
70
140
280
420
560
800
V
50
100
200
400
600
800
1000
V
1.0
1.3
1.7
V
US3ABF – US3MBF
Features
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL =
O
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@IF = 3.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
Typical Junction Capacitance (Note 2)
Cj
75
pF
Typical Thermal Resistance (Note 3)
RJL
60
°C/W
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
1 of 2
US3ABF – US3MBF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
                            
Weight: 0.057 grams (approx.)
Case: SMBF, Molded Plastic
Surge Overload Rating to 30A Peak
Ultra-Fast Recovery Time
Classification Rating 94V-O
Low Power Loss
Ideally Suited for Automatic Assembly
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
A
B
C
D
F
E
G
bol
Sym
US3ABF
US3BBF
US3DBF US3GBF
US3J BF
US3K BF
US3MBF
Unit
SMBF
4.40
4.20
3.70
3.50
Dim
Min
Max
A
B
C
D
E
F
G
All Dimensions in mm
0.26
0.18
5.50
5.10
1.30
1.10
1.00
-
2.20
1.90
Alldatasheet


Similar Part No. - US3MBF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
US3MBF CHENDA-US3MBF Datasheet
584Kb / 2P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US3MBF YFWDIODE-US3MBF Datasheet
89Kb / 3P
Surface MountUltrafast Recovery Rectifier
logo
SUNMATE electronic Co.,...
US3MBF SUNMATE-US3MBF Datasheet
396Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Guangdong Juxing Electr...
US3MBF JUXING-US3MBF Datasheet
620Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Xian Semipower Electron...
US3MBF SEMIPOWER-US3MBF Datasheet
121Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
More results

Similar Description - US3MBF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER301 WTE-HER301_06 Datasheet
52Kb / 4P
3.0A ULTRAFAST DIODE
UF3A WTE-UF3A_06 Datasheet
56Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Gaomi Xinghe Electronic...
UF5404 GXELECTRONICS-UF5404 Datasheet
325Kb / 2P
3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
EGF3A ZSELEC-EGF3A Datasheet
115Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
UF3A ZSELEC-UF3A Datasheet
109Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
US3A ZSELEC-US3A Datasheet
109Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
US3AF ZSELEC-US3AF Datasheet
95Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
30BF05 ZSELEC-30BF05 Datasheet
162Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
MURS310 ZSELEC-MURS310 Datasheet
158Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
SMBYT03-50 ZSELEC-SMBYT03-50 Datasheet
158Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com