Electronic Components Datasheet Search
  English  ▼

X  

MM54C151J Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C151J
Description  8-CHANNEL DIGITAL MULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C151J Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54C151J Datasheet HTML 1Page - National Semiconductor (TI) MM54C151J Datasheet HTML 2Page - National Semiconductor (TI) MM54C151J Datasheet HTML 3Page - National Semiconductor (TI) MM54C151J Datasheet HTML 4Page - National Semiconductor (TI) MM54C151J Datasheet HTML 5Page - National Semiconductor (TI) MM54C151J Datasheet HTML 6Page - National Semiconductor (TI) MM54C151J Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MICROCIRCUIT DATA SHEET
MNMM54C151-X REV 1A0
(Absolute Maximum Ratings)
(Note 1)
Voltage at Any Pin
-0.3V to Vcc +0.3V
Operating Temperature Range
-55 C to +125 C
Storage Temperature Range
-65 C to +150 C
Maximum Vcc Voltage
18V
Power Dissipation
700mW
Dual-In-Line
500mW
Small Outline
Operating Vcc Range
3V to 15V
Lead Temperature
260 C
(Soldering, 10 seconds)
Note 1:
"Absolute Maximum Ratings" are those values beyond which the safety of the device
cannot be guaranteed. Except for "Operating Temperature Range" they are not meant to
imply that the devices should be operated at these limits. The table of "Electrical
Characteristics" provides conditions for actual device operation.
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com