Electronic Components Datasheet Search
  English  ▼

X  

PL75C Datasheet(PDF) 10 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # PL75C
Description  ZENER DIODES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

PL75C Datasheet(HTML) 10 Page - Zibo Seno Electronic Engineering Co.,Ltd

Back Button PL75C Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd PL75C Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd PL75C Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd PL75C Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd PL75C Datasheet HTML 10Page - Zibo Seno Electronic Engineering Co.,Ltd PL75C Datasheet HTML 11Page - Zibo Seno Electronic Engineering Co.,Ltd PL75C Datasheet HTML 12Page - Zibo Seno Electronic Engineering Co.,Ltd PL75C Datasheet HTML 13Page - Zibo Seno Electronic Engineering Co.,Ltd PL75C Datasheet HTML 14Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
11
Zener Diodes 3W
3EZ3.9D5/SZ553J to 2EZ200D5/SZ55D0, DO-41/SMA
DO-41
SMA
Dim
Millimeters
Inches
Min
Max
Min
Max
A
25.4
---
1.000
---
B
4.20
5.20
0.165
0.205
C
0.70
0.90
0.028
0.034
D
2.00
2.70
0.080
0.107
Dim
Millimeters
Inches
Min
Max
Min
Max
A
3.99
4.50
0.157
0.177
B
2.54
2.79
0.100
0.110
C
1.25
1.65
0.049
0.065
D
0.152
0.305
0.006
0.012
E
4.93
5.28
0.194
0.208
F
----
0.203
----
0.008
G
1.98
2.29
0.078
0.090
H
0.76
1.52
0.030
0.060
WWW.SENOCN.COM
Alldatasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com