Electronic Components Datasheet Search
  English  ▼

X  

MM54C151W Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C151W
Description  8-CHANNEL DIGITAL MULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C151W Datasheet(HTML) 5 Page - National Semiconductor (TI)

  MM54C151W Datasheet HTML 1Page - National Semiconductor (TI) MM54C151W Datasheet HTML 2Page - National Semiconductor (TI) MM54C151W Datasheet HTML 3Page - National Semiconductor (TI) MM54C151W Datasheet HTML 4Page - National Semiconductor (TI) MM54C151W Datasheet HTML 5Page - National Semiconductor (TI) MM54C151W Datasheet HTML 6Page - National Semiconductor (TI) MM54C151W Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MNMM54C151-X REV 1A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS:(Continued)
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vil
Logical "0" Input
Voltage
Vcc = 5V
1
1.5
V
1, 2,
3
Vcc = 10V
1
2
V
1, 2,
3
Vcc = 4.5V, (LP to CMOS)
1
0.8
V
1, 2,
3
Vcc = 4.5V, (CMOS to LP)
1
1
V
1, 2,
3
Pd
Power Dissipation
Vcc = 15V
1
150
uW
1, 3
1
4500
uW
2
AC PARAMETERS:
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Cl = 50pF
tPHL
Propagation Delay
Time: Data to Y
Vcc = 5V
3
270
nS
9
3
460
nS
10
3
215
nS
11
Vcc = 10V
2
130
nS
9
2
180
nS
10
2
105
nS
11
tPLH
Propagation Delay
Time: Data to Y
Vcc = 5V
3
270
nS
9
3
460
nS
10
3
215
nS
11
Vcc = 10V
2
130
nS
9
2
180
nS
10
2
105
nS
11
tPHL
Propagation Delay
Time: Data to W
Vcc = 5V
3
300
nS
9
3
420
nS
10
3
240
nS
11
Vcc = 10V
2
140
nS
9
2
195
nS
10
2
110
ns
11
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com