Electronic Components Datasheet Search
  English  ▼

X  

5325916 Datasheet(PDF) 3 Page - SICK AG

Part # 5325916
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

5325916 Datasheet(HTML) 3 Page - SICK AG

  5325916 Datasheet HTML 1Page - SICK AG 5325916 Datasheet HTML 2Page - SICK AG 5325916 Datasheet HTML 3Page - SICK AG 5325916 Datasheet HTML 4Page - SICK AG 5325916 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LL3-TB06 | LL3
FIBER-OPTIC SENSORS AND FIBERS
Included with delivery
Mounting, 4 x M4 hexagon nut, 4 x washer, FC fiber cutter (5304141)
Compatibility tip adapters
Yes
1) FC fiber optic cable cutter included in delivery.
2) Minimum detectable object was determined at optimum measuring distance and optimum setting.
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
ECl@ss 7.0
27270905
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
ECl@ss 9.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
UNSPSC 16.0901
39121528
Sensing ranges with WLL180T
Operating mode 16 µs
150 mm
Operating mode 70 µs
480 mm
Operating mode 250 µs
770 mm
Operating mode 2 ms
1,500 mm
Operating mode 8 ms
1,600 mm
Sensing ranges with GLL170
Operating mode 250 µs
590 mm
Sensing ranges with GLL170T
Operating mode 50 µs
460 mm
Operating mode 250 µs
660 mm
Dimensional drawing (Dimensions in mm (inch))
LL3-TB06
Ø 1.2
M4 x 0.7
M2.6 x 0.45
Ø 2.2
Ø 2.7
5
Ø 1 x 1
90°±5°
Ø 3.2
20
2000
20
2017-08-15 16:43:06 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com