Electronic Components Datasheet Search
  English  ▼

X  

MSK4201B Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4201B
Description  28 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4201B Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4201B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
This is a diagram of a typical application of the MSK 4201. The design Vcc voltage is +12 volts and should have a good low
ESR bypass capacitor such as a tantalum. The PWM and DISABLE signals are typically provided by some type of microprocessor
control. The PWM signal will be a TTL signal with a pulse frequency required by the system, and pulse duty cycles according to the
required direction/speed. A 0% duty cycle (continuous TTL low) will mean full voltage to the motor in one direction. A 100% duty
cycle (continuous TTL high) will mean full voltage to the motor in the other direction. A 50% duty cycle will hold the motor at 0
RPM.
Current sensing is done in this case by a 0.1 ohm sense resistor to sense current from either leg of the bridge. It is important
to make the high current traces as wide as possible to keep inductance down. The storage capacitor connected to the V+ and the
hybrid should be large enough to provide the high energy pulse without the voltage sagging too far. The storage capacitor should
be a low ESR ceramic capacitor or large polypropylene capacitor. Mount capacitor as close to the hybrid as possible. The
connection between GND and the V+ return should not be carrying any motor current. The sense resistor signal is common mode
filtered as necessary to feed the limiting circuitry for the microprocessor. This application will allow full four quadrant torque control
for a closed loop servo system.
A snubber network is usually required, due to the inductance in the power loop. It is important to design the snubber network
to suppress any positive spikes above 75V and negative spikes below -2V with respect to pin 5 (gnd) of the hybrid.
TYPICAL SYSTEM OPERATION
Rev. B 6/00
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com