Electronic Components Datasheet Search
  English  ▼

X  

ALN0664 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ALN0664
Description  Internally Matched LNA Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0664 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ALN0664 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0664 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0664 Datasheet HTML 3Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
www.asb.co.kr
August 2017
plerowTM ALN0664
Internally Matched LNA Module
Parameter
Unit
Specifications
Min
Typ
Max
Frequency Range
MHz
470
860
Gain
dB
34.5
35.5
Gain Flatness
dB
 1.6
 1.8
Noise Figure (NF)
dB
0.75
0.8
Output IP3 (1)
dBm
39
40
S11 / S22 (2)
dB
-18 / -11
Output P1dB
dBm
20
21
Switching Time (3)
sec
Supply Current
mA
140
170
Supply Voltage
V
5
Impedance
50
Package Type & Size
mm
Surface Mount Type, 13Wx13Lx3.8H
Operating temperature is -40
C to +85C.
1) OIP3 is measured with two tones at an output power of 5 dBm / tone separated by 1 MHz.
2) S11/S22 (max) is the worst value within the frequency band.
3) Switching time means the time that takes for output power to get stabilized to its final level after switching DC voltage from 0 V to Vs.
Pin Number
Function
3
RF In
8
RF Out
10
Vs
Others
Ground
·
S21 = 37.1 dB @ 470 MHz
= 33.9 dB @ 860 MHz
·
NF of 0.75 dB over Frequency
·
Unconditionally Stable
·
Single 5V Supply
·
High OIP3 @ Low Current
The plerowTM ALN-series is the compactly designed surface-mount
module for the use of the LNA with or without the following gain blocks in
the infrastructure equipment of the mobile wireless (CDMA, GSM, PCS,
PHS, WCDMA, DMB, WLAN, WiBro, WiMAX), GPS, satellite communi-
cation terminals, CATV and so on. It has an exceptional performance of
low noise figure, high gain, high OIP3, and low bias current. The stability
factor is always kept more than unity over the application band in order
to ensure its unconditionally stable implementation to the application
system environment. The surface-mount module package including the
completed matching circuit and other components necessary just in case
allows very simple and convenient implementation onto the system
board in mass production level.
Outline Drawing (Unit: mm)
Features
Specifications (in Production)
Note: 1. The number and size of ground via holes in
a circuit board is critical for thermal RF
grounding considerations.
2. We recommend that the ground via holes be
placed on the bottom of all ground pins for
better RF and thermal performance, as
shown in the drawing at the left side.
Description
ALN0664
ASB Inc.
(Top View)
(Bottom View)
Solder Stencil Area
Ø
0.4 plated thru holes to ground plane
plerow
(Side View)
(Recommended Footprint)
Typ. @ T = 25
C, Vs = 5 V, Freq. = 665 MHz, Zo.sys = 50 ohm
Website: www.asb.co.kr
E-mail: sales@asb.co.kr
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
More Information
2-stage Single Type


Similar Part No. - ALN0664

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALN0665 ASB-ALN0665 Datasheet
405Kb / 3P
Internally Matched LNA Module
July 2009
ALN0665 ASB-ALN0665 Datasheet
214Kb / 3P
Internally Matched LNA Module
August 2017
ALN0665 ASB-ALN0665_13 Datasheet
488Kb / 3P
Internally Matched LNA Module
July 2009
ALN0665 ASB-ALN0665_17 Datasheet
214Kb / 3P
Internally Matched LNA Module
August 2017
ALN0667 ASB-ALN0667 Datasheet
442Kb / 3P
Internally Matched LNA Module
July 2011
More results

Similar Description - ALN0664

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
Internally Matched LNA Module
April 2010
ALE3500T2 ASB-ALE3500T2 Datasheet
422Kb / 3P
Internally Matched LNA Module
March 2010
ALN0113 ASB-ALN0113 Datasheet
370Kb / 3P
Internally Matched LNA Module
February 2012
ALN0855 ASB-ALN0855 Datasheet
409Kb / 3P
Internally Matched LNA Module
December 2009
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
Internally Matched LNA Module
June 2009
ALN1922 ASB-ALN1922 Datasheet
449Kb / 4P
Internally Matched LNA Module
February 2011
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
Internally Matched LNA Module
January 2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com