Electronic Components Datasheet Search
  English  ▼

X  

ALN0815 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN0815
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0815 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN0815 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0815 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0815 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN0815 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
August 2017
plerowTM ALN0815
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
806 MHz
815 MHz
824 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
30.08
-23.62
-16.44
30.02
0.14
-24.62
-16.41
29.94
-25.52
-16.29
4.75 V
30.21
-23.70
-16.50
30.14
0.15
-24.70
-16.49
30.06
-25.68
-16.37
5.00 V
30.32
-23.61
-16.57
30.25
0.15
-24.64
-16.56
30.17
-25.57
-16.47
5.25 V
30.40
-23.70
-16.62
30.33
0.15
-24.68
-16.62
30.25
-25.73
-16.48
5.50 V
30.48
-23.65
-16.66
30.41
0.15
-24.71
-16.62
30.33
-25.66
-16.47
806 MHz
815 MHz
824 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
41.32
19.48
0.713
41.02
19.37
0.702
40.79
19.21
0.717
4.75 V
41.78
20.00
0.730
41.44
19.93
0.713
41.46
19.84
0.730
5.00 V
40.75
20.47
0.747
40.90
20.48
0.751
41.00
20.26
0.743
5.25 V
39.20
20.92
0.767
39.41
20.89
0.780
39.47
20.70
0.766
5.50 V
37.95
21.34
0.789
38.20
21.27
0.798
38.45
21.15
0.796
806 MHz
815 MHz
824 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
30.65
-18.83
-16.43
30.58
0.15
-19.40
-16.95
30.50
-19.99
-17.29
-10
C
30.55
-21.14
-16.65
30.47
0.16
-21.88
-16.90
30.39
-22.82
-17.00
25
C
30.46
-23.33
-16.54
30.39
0.17
-24.20
-16.90
30.29
-25.02
-16.69
60
C
30.31
-25.00
-16.48
30.23
0.16
-26.03
-16.27
30.15
-27.17
-15.84
85
C
30.20
-25.04
-16.20
30.12
0.18
-26.09
-15.93
30.02
-27.25
-15.41
806 MHz
815 MHz
824 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
39.25
20.14
0.504
39.42
20.28
0.511
39.50
20.39
0.501
-10
C
40.02
20.20
0.623
40.23
20.32
0.625
40.40
20.46
0.620
25
C
40.74
20.35
0.751
40.81
20.50
0.747
40.99
20.65
0.750
60
C
40.30
20.38
0.889
40.12
20.51
0891
40.05
20.68
0.874
85
C
39.95
20.24
0.977
39.60
20.40
0.983
39.58
20.50
0.980
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com