Electronic Components Datasheet Search
  English  ▼

X  

ALN0832 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN0832
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0832 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN0832 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0832 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0832 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN0832 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
June 2017
plerowTM ALN0832
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-15.11
-18.16
28.98
0.01
0.695
14.12
27.08
99
4.6
-15.33
-17.72
29.10
0.01
0.699
14.99
28.55
105
4.7
-15.52
-17.38
29.20
0.01
0.705
15.62
29.26
110
4.8
-15.69
-17.01
29.29
0.01
0.704
16.04
30.25
115
4.9
-15.77
-16.83
29.38
0.01
0.692
16.80
30.91
119
5.0
-15.92
-16.54
29.46
0.01
0.693
17.28
32.17
124
5.1
-16.09
-16.21
29.54
0.01
0.705
17.70
32.79
132
5.2
-16.20
-16.02
29.60
0.01
0.709
18.18
33.51
137
5.3
-16.31
-15.86
29.66
0.01
0.709
18.62
34.05
143
5.4
-16.36
-15.66
29.71
0.01
0.709
18.93
34.54
149
5.5
-16.44
-15.50
29.76
0.01
0.713
19.27
35.40
154
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-15.85
-14.94
29.86
0.01
0.491
17.16
32.36
117
- 20
C
-16.18
-15.44
29.76
0.01
0.544
17.32
32.36
122
0
C
-16.12
-15.90
29.62
0.01
0.609
17.43
32.25
124
25
C
-16.03
-16.53
29.43
0.01
0.692
17.41
32.10
126
40
C
-15.77
-16.88
29.33
0.01
0.741
17.48
32.06
127
60
C
-15.50
-17.30
29.24
0.01
0.812
17.52
32.02
128
80
C
-15.03
-17.76
29.10
0.01
0.888
17.60
31.93
130
100
C
-14.70
-18.48
28.95
0.01
1.001
17.65
31.95
130
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com