Electronic Components Datasheet Search
  English  ▼

X  

2SC5185 Datasheet(PDF) 10 Page - NEC

Part # 2SC5185
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5185 Datasheet(HTML) 10 Page - NEC

Back Button 2SC5185 Datasheet HTML 6Page - NEC 2SC5185 Datasheet HTML 7Page - NEC 2SC5185 Datasheet HTML 8Page - NEC 2SC5185 Datasheet HTML 9Page - NEC 2SC5185 Datasheet HTML 10Page - NEC 2SC5185 Datasheet HTML 11Page - NEC 2SC5185 Datasheet HTML 12Page - NEC 2SC5185 Datasheet HTML 13Page - NEC 2SC5185 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NE68730
VCE = 2.0 V, IC = 3.0 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE687 SERIES
0.1
0.850
-12.800
9.307
165.200
0.023
81.500
0.970
-9.600
0.158
26.071
0.4
0.678
-49.700
7.314
133.800
0.076
64.100
0.792
-30.800
0.381
19.833
0.8
0.450
-80.500
5.036
108.200
0.114
56.500
0.587
-43.100
0.659
16.452
1.0
0.375
-91.900
4.279
99.900
0.128
55.900
0.526
-45.800
0.763
15.241
1.5
0.256
-114.600
3.094
84.300
0.162
56.700
0.439
-49.300
0.939
12.810
2.0
0.187
-135.300
2.436
73.000
0.197
57.600
0.402
-51.700
1.027
9.908
2.5
0.141
-156.700
2.040
63.500
0.236
58.000
0.385
-54.100
1.060
7.874
3.0
0.115
179.500
1.782
55.100
0.276
57.500
0.379
-57.300
1.062
6.578
4.0
0.110
127.300
1.466
41.900
0.362
54.300
0.365
-65.400
1.039
4.866
5.0
0.184
103.000
1.305
30.400
0.453
48.700
0.305
-78.400
1.004
4.201
VCE = 2.0 V, IC = 5.0 mA
0.1
0.781
-17.800
13.806
161.000
0.021
80.300
0.945
-12.700
0.194
28.178
0.4
0.531
-58.400
9.434
124.700
0.067
64.700
0.683
-36.000
0.533
21.486
0.8
0.313
-86.300
5.827
101.200
0.103
62.400
0.482
-44.100
0.816
17.526
1.0
0.250
-96.500
4.846
94.100
0.120
62.900
0.433
-45.200
0.894
16.062
1.5
0.160
-117.000
3.408
80.700
0.163
63.600
0.371
-46.600
0.998
13.203
2.0
0.104
-136.200
2.651
70.800
0.208
62.900
0.348
-48.200
1.037
9.874
2.5
0.067
-163.800
2.205
62.300
0.253
61.400
0.340
-50.400
1.047
8.077
3.0
0.053
164.400
1.913
54.600
0.298
59.300
0.339
-53.700
1.041
6.833
4.0
0.069
98.700
1.562
42.300
0.386
53.800
0.328
-62.200
1.027
5.072
5.0
0.143
93.700
1.390
31.200
0.474
47.100
0.265
-75.500
1.002
4.419
VCE = 2.0 V, IC = 20.0 mA
0.1
0.447
-35.800
28.663
146.000
0.017
76.400
0.808
-24.200
0.451
32.269
0.4
0.200
-84.600
12.701
106.600
0.052
72.800
0.422
-43.500
0.876
23.878
0.8
0.103
-117.300
6.817
90.300
0.096
74.000
0.301
-42.600
0.989
18.513
1.0
0.081
-131.600
5.544
85.300
0.117
73.500
0.280
-42.000
1.010
16.144
1.5
0.054
-168.200
3.795
75.300
0.171
70.900
0.258
-42.600
1.028
12.443
2.0
0.046
154.600
2.921
67.300
0.224
67.400
0.253
-44.500
1.030
10.086
2.5
0.049
118.800
2.407
59.900
0.274
63.700
0.256
-47.300
1.029
8.397
3.0
0.057
99.400
2.076
53.200
0.322
59.900
0.261
-51.500
1.023
7.169
4.0
0.086
75.300
1.681
41.800
0.410
52.100
0.255
-61.800
1.014
5.396
5.0
0.140
86.000
1.478
31.200
0.490
44.000
0.187
-77.200
1.005
4.368
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com