Electronic Components Datasheet Search
  English  ▼

X  

CWSC21JCADFS Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CWSC21JCADFS
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CWSC21JCADFS Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  CWSC21JCADFS Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CWSC21JCADFS Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CWSC21JCADFS Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CWSC21JCADFS Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. CWSC21JCADFS Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series CWSC
LED Miniature Power Rockers
B24
B
www.nkkswitches.com
TYPICAL SWITCH ORDERING EXAMPLE
Terminals
S
Solder Lug/
.110” (2.79mm)
Quick Connect
CWSC
Circuit
1
ON NONE OFF
TYPICAL ORDERING EXAMPLE
CWSC21JCACS
JC
Poles
1
SPST
2
DPST
1
2
A
Housing
A
Black
LED Colors
C
Red
D
Amber
F
Green
S
C
Cap/Diffuser Colors
JC
Clear/Red
JD
Clear/Amber
JF
Clear/Green
Red LED
DPST
ON-NONE-OFF Circuit
Clear Rocker Cap
with Red Diffuser
Black Housing
Solder Lug/
Quick Connect Terminals
IMPORTANT:
Switches are supplied with cULus marking on the case. Specific
models & ratings noted on the General Specifications page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com