Electronic Components Datasheet Search
  English  ▼

X  

AD8422 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8422
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8422_17 Datasheet HTML 17Page - Analog Devices AD8422_17 Datasheet HTML 18Page - Analog Devices AD8422_17 Datasheet HTML 19Page - Analog Devices AD8422_17 Datasheet HTML 20Page - Analog Devices AD8422_17 Datasheet HTML 21Page - Analog Devices AD8422_17 Datasheet HTML 22Page - Analog Devices AD8422_17 Datasheet HTML 23Page - Analog Devices AD8422_17 Datasheet HTML 24Page - Analog Devices AD8422_17 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
AD8422
A ground plane layer is helpful to reduce parasitic inductances.
This minimizes voltage drops with changes in current. The area
of the current path is directly proportional to the magnitude of
parasitic inductances and, therefore, the impedance of the path
at high frequencies. Large changes in currents in an inductive
decoupling path or ground return create unwanted effects due
to the coupling of such changes into the amplifier inputs.
Because load currents flow from the supplies, connect the load at
the same physical location as the bypass capacitor grounds.
Reference Pin
The output voltage of the AD8422 is developed with respect to
the potential on the reference terminal. Ensure that REF is tied
to the appropriate local ground.
INPUT BIAS CURRENT RETURN PATH
The input bias current of the AD8422 must have a dc return
path to ground. When using a floating source without a current
return path, such as a thermocouple, create a current return
path, as shown in Figure 59.
THERMOCOUPLE
+VS
REF
–VS
AD8422
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8422
TRANSFORMER
+VS
REF
–VS
AD8422
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8422
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
AD8422
TRANSFORMER
+VS
REF
–VS
AD8422
CORRECT
Figure 59. Creating an Input Bias Current Return Path
INPUT VOLTAGES BEYOND THE SUPPLY RAILS
Many instrumentation amplifiers specify excellent CMRR and
input impedance, but in a real system, the performance suffers
because of the external components required for input protection.
The AD8422 has very robust inputs. It typically does not need
additional input protection. Input voltages can be up to 40 V from
the opposite supply rail without damage to the part. For example,
with a +5 V positive supply and a 0 V negative supply, the part can
safely withstand voltages from −35 V to +40 V. Unlike some other
instrumentation amplifiers, the part can handle large differential
input voltages even when the part is in high gain.
MOST APPLICATIONS
+VS
AD8422
–VS
I
VIN+
+
–
VIN+
+
–
Figure 60. Input Overvoltage Protection with no External Components
For input voltages less than 40 V from the opposite rail, no input
protection is required.
Keep the rest of the AD8422 terminals within the supplies. All
terminals of the AD8422 are protected against ESD.
Input Voltages Beyond the Maximum Ratings
For applications where the AD8422 encounters voltages beyond
the limits in the Absolute Maximum Ratings section, external
protection is required. This external protection depends on the
duration of the overvoltage event and the noise performance
required.
For short-lived events, transient protectors such as metal oxide
varistors (MOVs) may be all that is required.
For longer events, use resistors in series with the inputs combined
with diodes. To avoid worsening bias current performance,
low leakage diodes, such as the BAV199 or FJH1100s, are
recommended. The diodes prevent the voltage at the input of
the amplifier from exceeding the maximum ratings, while the
resistors limit the current into the diodes. Because most external
diodes can easily handle 100 mA or more, resistor values do not
have to be large. Therefore, the protection resistance has minimal
impact on noise performance.
Rev. A | Page 21 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com