Electronic Components Datasheet Search
  English  ▼

X  

AD8422 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8422
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8422 Datasheet HTML 8Page - Analog Devices AD8422 Datasheet HTML 9Page - Analog Devices AD8422 Datasheet HTML 10Page - Analog Devices AD8422 Datasheet HTML 11Page - Analog Devices AD8422 Datasheet HTML 12Page - Analog Devices AD8422 Datasheet HTML 13Page - Analog Devices AD8422 Datasheet HTML 14Page - Analog Devices AD8422 Datasheet HTML 15Page - Analog Devices AD8422 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Data Sheet
AD8422
–20
–15
–10
–5
0
5
10
15
20
–20
–15
–10
–5
0
5
10
15
20
OUTPUT VOLTAGE (V)
G = 1
VS = ±15V
VS = ±12V
VS = ±5V
Figure 10. Input Common-Mode Voltage vs. Output Voltage (G = 1),
VS = ±15 V, VS = ±12 V, VS = ±5 V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
OUTPUT VOLTAGE (V)
VREF = 0V
VREF = 2.5V
G = 1
Figure 11. Input Common-Mode Voltage vs. Output Voltage (G = 1),
Single-Supply, VS = 5 V
–20
–15
–10
–5
0
5
10
15
20
–20
–15
–10
–5
0
5
10
15
20
OUTPUT VOLTAGE (V)
VS = ±15V
VS = ±12V
VS = ±5V
G = 100
Figure 12. Input Common-Mode Voltage vs. Output Voltage (G = 100),
VS = ±15 V, VS = ±12 V, VS = ±5 V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
OUTPUT VOLTAGE (V)
VREF = 2.5V
G = 100
VREF = 0V
Figure 13. Input Common-Mode Voltage vs. Output Voltage (G = 100),
Single-Supply, VS = 5 V
–20
–16
–12
–8
–4
0
4
8
12
16
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–35 –30 –25 –20 –15 –10 –5
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = 5V
G = 1
VREF = 2.5V
VIN– = 2.5V
VOUT
IIN
Figure 14. Input Overvoltage Performance; G = 1, VS = 5 V
–20
20
–15
–10
–5
0
5
10
15
–20
20
–15
–10
–5
0
5
10
15
–20
–25
–15
–10
–5
0
5
10
15
20
25
INPUT VOLTAGE (V)
VS = ±15V
G = 1
VREF = 0V
VIN– = 0V
VOUT
IIN
Figure 15. Input Overvoltage Performance; G = 1, VS = ±15 V
Rev. A | Page 11 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com