Electronic Components Datasheet Search
  English  ▼

X  

OM7602ST Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OM7602ST
Description  ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM7602ST Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OM7602ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7602ST Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7602ST Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7602ST Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.3 - 133
3.3
OM7602ST
TYPICAL PERFORMANCE CHARACTERISTICS
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-75
-50
-25
0
25
LOAD REGULATION
T
J, JUNCTION TEMPERATURE (°C)
50
75
100
125
150
V
I = 15V
V
O = 10V
I
L = 1.5A
I
L = 0.5A
4
3
2
1
0
0
10
20
CURRENT LIMIT
V
I - VO, INPUT - OUTPUT VOLTAGE DIFFERENTIAL (Vdc)
30
40
T
J = -55°C
T
J = 25°C
T
J = 150°C
70
65
60
55
50
45
40
35
-75
-50
-25
0
25
ADJUSTMENT PIN CURRENT
T
J, JUNCTION TEMPERATURE (°C)
50
75
100
125
150
3.0
2.5
2.0
1.5
1.0
-75
-50
-25
0
25
DROPOUT VOLTAGE
T
J, JUNCTION TEMPERATURE (°C)
50
75
100
125
150
I
L = 1.5A
I
L = 1.0A
I
L = 200mA
I
L = 20mA
I
L = 500mA
V
O = 100mV
1.260
1.250
1.240
1.230
1.220
-75
-50
-25
0
25
TEMPERATURE STABILITY
T
J, JUNCTION TEMPERATURE (°C)
50
75
100
125
150
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
010
20
MINIMUM OPERATING CURRENT
V
I - VO, INPUT - OUTPUT VOLTAGE DIFFERENTIAL (Vdc)
30
40
T
J = -55°C
T
J = 25°C
T
J = 150°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com