Electronic Components Datasheet Search
  English  ▼

X  

EC2622 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC2622
Description  Micropower CMOS Output Hall Effect Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2622 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC2622 Datasheet HTML 1Page - E-CMOS Corporation EC2622 Datasheet HTML 2Page - E-CMOS Corporation EC2622 Datasheet HTML 3Page - E-CMOS Corporation EC2622 Datasheet HTML 4Page - E-CMOS Corporation EC2622 Datasheet HTML 5Page - E-CMOS Corporation EC2622 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EC2622
Micropower CMOS Output Hall Effect Switch
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 6
4H18N-Rev. F001
Ordering information
EC2622 X N XX G R-X
Introduction
Features
EC2622 Hall-effect sensor is a temperature stable, stress-
resistant, Low Tolerance of Sensitivity micro-power switch.
Superior high-temperature performance is made possible
through a dynamic offset cancellation that utilizes chopper-
stabilization. This method reduces the offset voltage
normally caused by device over molding, temperature
dependencies, and thermal stress.
EC2622 is special made for low operation voltage, 1.65V,
to active the chip which is includes the following on a
single
silicon
chip:
voltage
regulator,
Hall
voltage
generator, small-signal amplifier, chopper stabilization,
Schmitt trigger, CMOS output driver. Advanced CMOS
wafer fabrication processing is used to take advantage of
low-voltage requirements, component matching, very low
input-offset errors, and small component geometries. This
device requires the presence of omni-polar magnetic fields
for operation.
The package type is in a Halogen Free version has been
verified by third party Lab.
CMOS Hall IC Technology
Strong RF noise protection
1.65 to 3.5V for battery-powered applications
Omni polar, output switches with absolute value of North
or South pole from magnet
Operation down to 1.65V, Micro power consumption
High Sensitivity for reed switch replacement applications
Low sensitivity drift in crossing of Temp. range
Ultra Low power consumption at 5uA (Avg)
High ESD Protection, HBM > ±4KV( min )
Operation with South Pole (OUT1) or North Pole (OUT2)
Totem-pole output
Applications
Solid state switch
Handheld Wireless Handset Awake Switch
( FlipCell/PHS Phone/Note Book/Flip Video Set)
Magnet proximity sensor for reed switch replacement in
low duty cycle applications
Water Meter
PDA
PDVD
NB
Pab PC
Temperature code:
E (-40℃ to + 85℃)
Sorting code:
α , β, Blank
Temperature code:
E (-40℃ to + 85℃)
R:Tape & Reel
G:Green package
Package code:
A7:TO-92S-4L
BC:SOT553


Similar Part No. - EC2622

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC2620ETTS-40.000M ECLIPTEK-EC2620ETTS-40.000M Datasheet
179Kb / 3P
OSCILLATOR
EC2620ETTS-40.000MTR ECLIPTEK-EC2620ETTS-40.000MTR Datasheet
179Kb / 3P
OSCILLATOR
EC2620ETTS-40000M ECLIPTEK-EC2620ETTS-40000M Datasheet
179Kb / 3P
OSCILLATOR
EC2620ETTS-40000MTR ECLIPTEK-EC2620ETTS-40000MTR Datasheet
179Kb / 3P
OSCILLATOR
EC2620ETTTS-40.000M ECLIPTEK-EC2620ETTTS-40.000M Datasheet
179Kb / 3P
OSCILLATOR
More results

Similar Description - EC2622

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251 Datasheet
415Kb / 8P
Micropower CMOS Output Hall Effect Switch
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251_14 Datasheet
419Kb / 8P
Micropower CMOS Output Hall Effect Switch
logo
E-CMOS Corporation
EC2621 E-CMOS-EC2621 Datasheet
435Kb / 7P
Micropower CMOS Output Hall Effect Switch
logo
Shaoxing Devechip Micro...
SDC212 SDC-SDC212 Datasheet
452Kb / 10P
MicroPower Hall-Effect Switch
SDC213 SDC-SDC213 Datasheet
432Kb / 10P
MicroPower Hall-Effect Switch
SDC1215 SDC-SDC1215 Datasheet
555Kb / 10P
MicroPower Hall-Effect Switch
SDC8312 SDC-SDC8312 Datasheet
279Kb / 7P
MicroPower Hall-Effect Switch
logo
Major-Power Technology ...
MA7030N MPOWER-MA7030N Datasheet
129Kb / 2P
MicroPower, Unipolar Hall Effect Switch
Rev.1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com