Electronic Components Datasheet Search
  English  ▼

X  

EC3111 Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC3111
Description  300mA High-PSRR Low Dropout Voltage Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3111 Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC3111 Datasheet HTML 5Page - E-CMOS Corporation EC3111 Datasheet HTML 6Page - E-CMOS Corporation EC3111 Datasheet HTML 7Page - E-CMOS Corporation EC3111 Datasheet HTML 8Page - E-CMOS Corporation EC3111 Datasheet HTML 9Page - E-CMOS Corporation EC3111 Datasheet HTML 10Page - E-CMOS Corporation EC3111 Datasheet HTML 11Page - E-CMOS Corporation EC3111 Datasheet HTML 12Page - E-CMOS Corporation EC3111 Datasheet HTML 13Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 9 of 15
5L14N-Rev.F009
EC3111
300mA High-PSRR Low Dropout Voltage
Linear Regulators
Package Dimension
OUTLINE DRAWING SOT23-3L
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCH
MIN
NOM
MAX
MIN
NOM
MAX
A
1.00
1.10
1.30
0.039
0.043
0.051
A1
0.00
---
0.10
0.000
---
0.004
A2
1.05
1.10
1.15
0.041
0.043
0.045
b
0.30
0.35
0.40
0.012
0.014
0.016
c
0.10
0.15
0.20
0.004
0.006
0.008
D
2.70
2.90
3.10
0.106
0.114
0.122
E
1.50
1.60
1.80
0.059
0.063
0.071
E1
2.60
2.80
3.00
0.102
0.110
0.118
e
---
0.950
---
---
0.037
---
e1
1.8
1.9
2.0
0.070
0.075
0.79
L
---
0.700
---
---
0.028
---
L1
0.3
0.45
0.6
0.012
0.018
0.024
Θ
0°
---
9°
0°
---
9°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com