Electronic Components Datasheet Search
  English  ▼

X  

EC4213 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC4213
Description  Constant Current N-Channel MOSFET Linear LED Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4213 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC4213 Datasheet HTML 1Page - E-CMOS Corporation EC4213 Datasheet HTML 2Page - E-CMOS Corporation EC4213 Datasheet HTML 3Page - E-CMOS Corporation EC4213 Datasheet HTML 4Page - E-CMOS Corporation EC4213 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EC4213
Constant Current N-Channel MOSFET
Linear LED Controller
E-CMOS Corp. (www.ecmos.com.tw)
4H22N Rev. F002
1/5
Q1
BR1
REXT
VLED
+
-
R1
R2
ILED
1
2
3
4
10
9
8
7
5
6
VIN
REXT
VCS
GND
VFF
DIM
NTC
LEDS
VS
VO
R5
RNTC
R3
RCS
R4
FEATURES
• Universal Input Voltage Range of 120VAC±16%
or 230VAC±16%
• Constant LED Current Controller
• Adjusted Constant Current Operation
• Low Quiescent Current
• Simplifies Circuit and System Designs
• PWM Dimming Control
• External N-channel MOSFET for High Current
Application
• Temperature Compensated Constant Current
• Programmable Over Temperature Protection
• Programmable Over Current Protection
• Programmable LED Short Protection
• SOP10 Package
APPLICATIONS
• High Power LED Driver
• Lighting Applications
• T5 or T8 tube
• Low Cost solution
• Constant Current Sink
GENERAL DESCRIPTION
The EC4213 is a constant N-channel MOSFET
current linear LED controller for replace discrete
solutions in AC/DC power application (up to
270VAC). The controller can drive an output power
of ±10% variation from a universal input voltage
range
of
120VAC±16%,
or
230VAC±16%
for
different LED strings. The solution eliminates the
need of individual components by combining them
into a single package, which results in a significant
reduction of both system cost and board space.
The controller is capable of a dimming input for
adjustable LED brightness control by Pulse Width
Modulation (PWM). The EC4213 can protect the
external
N-channel
MOSFET
against
over
temperature and over current. Internal thermal
foldback function regulates LED driving current
automatically for temperature management of the
LEDs or the N-channel MOSFET during high power
operation or high ambient temperature conditions
by an external NTC resistor. These features
provide
maximum
system
protection
for
the
demanding lighting applications. The EC4213 is
available in a space saving SOP10 package, and
the
operating temperature is from
–40°C to
+125°C.
TYPICAL APPLICATION CIRCUIT
Fig. 1 Simplified Application Circuit


Similar Part No. - EC4213

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
EC4211NNA5R E-CMOS-EC4211NNA5R Datasheet
482Kb / 8P
Constant Current Linear LED Driver
EC4211NNF2R E-CMOS-EC4211NNF2R Datasheet
482Kb / 8P
Constant Current Linear LED Driver
EC4211NNMHR E-CMOS-EC4211NNMHR Datasheet
482Kb / 8P
Constant Current Linear LED Driver
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
More results

Similar Description - EC4213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
N-Channel Controller for Constant Current LED Drivers
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
LM3429Q1 N-Channel Controller for Constant Current LED Drivers
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
N-Channel Controller for Constant Current LED Drivers
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
logo
Diodes Incorporated
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR
Rev 5
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7506 HMSEMI-HM7506 Datasheet
411Kb / 5P
Programmable linear constant current controller
HM7152 HMSEMI-HM7152 Datasheet
758Kb / 8P
Single channel high voltage linear constant current controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com