Electronic Components Datasheet Search
  English  ▼

X  

EC4216 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC4216
Description  Linear LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4216 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC4216 Datasheet HTML 1Page - E-CMOS Corporation EC4216 Datasheet HTML 2Page - E-CMOS Corporation EC4216 Datasheet HTML 3Page - E-CMOS Corporation EC4216 Datasheet HTML 4Page - E-CMOS Corporation EC4216 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EC4216
Linear LED Driver
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 5
4H11N Rev. F001
Fig-1 110VRMS Application Circuit
Therefore, where the external resistor R3 does not exist (Default), R=88k, and Pow=8.3V, and where R=38.5k
(R3=68k//R9A), the Pow=15.56V.
The second portion includes Segment Switch Circuit and LED Current
Driver. Six segments will be conducted sequentially according to Sine Wave changes. When Sine Wave is
under positive slope changes, the conducting way is as follows: D1, D1+D2, D1+D2+D3, D1+D2+D3+D4,
D1+D2+D3+D4+D5, and D1+D2+D3+D4+D5+D6, and when the Sine Wave is under negative slop changes,
then the way is in the opposite direction. The switch of those segments is carried out by Segment Switch
Circuit. The conditions to switch two segments is that where ID(N+1)≧12mA is closed, D(N) ....Segment is turned
off. Drive Current is relevant to Pow voltage; in Default value, the external resistor R3 of application circuit
does not exist, Pow=8.3V. Where R3=68k, the Pow=15.6V, and where VD(1~6)=20V, the maximum current of
each Segment (D1~D6) is 60mA. As for the relationship between Drive Current and Pow, please refer to Fig2
and Fig3.
Fig2 D2~6 Drive Current with Pow



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com