Electronic Components Datasheet Search
  English  ▼

X  

EC4217 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC4217
Description  Linear LED Driver (Pre-limitary Version)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4217 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC4217 Datasheet HTML 1Page - E-CMOS Corporation EC4217 Datasheet HTML 2Page - E-CMOS Corporation EC4217 Datasheet HTML 3Page - E-CMOS Corporation EC4217 Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EC4217
Linear LED Driver
(Pre-limitary Version)
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 4
4F24N Rev. P003
Pow(V)
ID(I LED mA) ±2.5%
15
135
14.5
131
14
128.5
13.5
121
13
115
12.5
107
12
99.5
11.5
92
11
85.5
10.5
79.5
10
73
9.5
66
9
60
8.5
52.5
8
46.5
Table 1
OVP Set up: Fig 3 is chip Pin4 (OVP_In) equal circuit, When OVP_In≧13V start OVP function ,
After OPV function is enabled then Pow(Pin5)≒0V, The OVP_IN(V) is calculated by formula 2
Fig3
2
....
1(V)......
Pin
3(Rext)
R
2
R
A
2
R
2
R
A
2
R
OVP_IN(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com