Electronic Components Datasheet Search
  English  ▼

X  

EC4219 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC4219
Description  Linear LED Driver (Preliminary Version)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4219 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC4219 Datasheet HTML 1Page - E-CMOS Corporation EC4219 Datasheet HTML 2Page - E-CMOS Corporation EC4219 Datasheet HTML 3Page - E-CMOS Corporation EC4219 Datasheet HTML 4Page - E-CMOS Corporation EC4219 Datasheet HTML 5Page - E-CMOS Corporation EC4219 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC4219
Linear LED Driver
(Preliminary Version)
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
5D09N Rev. F001
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Unit
Output Voltage
Iout=0mA
--
--
450
V
Output input Voltage
Iout=30mA
6.5
--
---
V
Output Current
--
5
--
60
mA
Static Current
Vout=110V,Cs floating
--
0.16
0.25
mA
Cs Voltage
Vout=10V
--
0.6
--
V
Current Compensation
Temperature
--
110
--
℃
Output Current Character
Output 端輸出電流計算公式為:Iout = Vcs / Rcs ( A )
Fig 3 Output Current vs. Cs Resistance
Fig 4. Output constant current curve.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com