Electronic Components Datasheet Search
  English  ▼

X  

EC4220 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC4220
Description  High power factor linear constant current LED driver (Preliminary Version)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4220 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC4220 Datasheet HTML 1Page - E-CMOS Corporation EC4220 Datasheet HTML 2Page - E-CMOS Corporation EC4220 Datasheet HTML 3Page - E-CMOS Corporation EC4220 Datasheet HTML 4Page - E-CMOS Corporation EC4220 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EC4220
High power factor linear constant current LED driver
(Preliminary Version)
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 5
5D10N Rev. F001
Function Block
電流設置
電流設置
電流設置
電流設置
晶片 D1 埠輸入電壓最低為 6V(IOUT =20mA),可通過外接 REXT 電阻實現輸出電流 10mA~60mA,內置的
LED 恒流驅動模組可使LED 電流保持高精度且不受環境溫度影響。晶片可通過逐級開啟 4 個開關實現高效率,
高功率因數。
晶片輸出電流通過REXT電阻進行調節,IOUT=VREXT/R,4 級開關逐級開啟時輸出電流如下:
ID1=0.55V/R
ID2=0.70V/R
ID3=0.85V/R
ID4=0.90V/R
Typical Application Circuit
( 典型應用電路)
Power
OTP
Analog logic
&
Current control
GND
R
700V
MOS
700V
MOS
700V
MOS
700V
MOS
D1
D2
D3
D4
EC4220



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com