Electronic Components Datasheet Search
  English  ▼

X  

P89LPC933FDH Datasheet(PDF) 61 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 57Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 62Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 63Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 64Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
61 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
Table 13:
Dynamic characteristics (18 MHz)
VDD = 3.0 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial, unless otherwise specified. [1] [2]
Symbol
Parameter
Conditions
Variable clock
fosc = 18 MHz Unit
Min
Max
Min
Max
fRCOSC
internal RC oscillator frequency
7.189
7.557
7.189
7.557
MHz
fWDOSC
internal watchdog oscillator
frequency
320
520
320
520
kHz
fosc
oscillator frequency
0
18
-
-
MHz
Tcy(CLK)
clock cycle
see Figure 27
55
-
-
-
ns
fCLKLP
low power select clock
frequency
0
8
-
-
MHz
Glitch filter
tgr
glitch rejection
P1.5/RST pin
-
50
-
50
ns
any pin except
P1.5/RST
-
15
-
15
ns
tsa
signal acceptance
P1.5/RST pin
125
-
125
-
ns
any pin except
P1.5/RST
50
-
50
-
ns
External clock
tCHCX
clock HIGH time
see Figure 27
22
Tcy(CLK) − tCLCX
22
-
ns
tCLCX
clock LOW time
see Figure 27
22
Tcy(CLK) − tCHCX
22
-
ns
tCLCH
clock rise time
see Figure 27
-5
-
5
ns
tCHCL
clock fall time
see Figure 27
-5
-
5
ns
Shift register (UART mode 0)
tXLXL
serial port clock cycle time
see Figure 25
16Tcy(CLK)
-
888
-
ns
tQVXH
output data setup to clock rising
edge time
see Figure 25
13Tcy(CLK)
-
722
-
ns
tXHQX
output data hold after clock
rising edge time
see Figure 25
-Tcy(CLK) + 20
-
75
ns
tXHDX
input data hold after clock rising
edge time
see Figure 25
-0
-
0
ns
tXHDV
input data valid to clock rising
edge time
see Figure 25
150
-
150
-
ns
SPI interface
fSPI
SPI operating frequency
slave
0
CCLK
⁄6
0
3.0
MHz
master
-
CCLK
⁄4
-
4.5
MHz
tSPICYC
SPI cycle time
see Figure 26, 28,
29, 30
slave
6
⁄CCLK
-
333
-
ns
master
4
⁄
CCLK
-
222
-
ns
tSPILEAD
SPI enable lead time (slave)
see Figure 29, 30
250
-
250
-
ns
tSPILAG
SPI enable lag time
see Figure 29, 30
250
-
250
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com