Electronic Components Datasheet Search
  English  ▼

X  

PCA9500D Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA9500D
Description  8-bit I2C and SMBus I/O port with 2-kbit EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9500D Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA9500D Datasheet HTML 15Page - NXP Semiconductors PCA9500D Datasheet HTML 16Page - NXP Semiconductors PCA9500D Datasheet HTML 17Page - NXP Semiconductors PCA9500D Datasheet HTML 18Page - NXP Semiconductors PCA9500D Datasheet HTML 19Page - NXP Semiconductors PCA9500D Datasheet HTML 20Page - NXP Semiconductors PCA9500D Datasheet HTML 21Page - NXP Semiconductors PCA9500D Datasheet HTML 22Page - NXP Semiconductors PCA9500D Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Philips Semiconductors
Product data sheet
PCA9500
8-bit I2C and SMBus I/O port with 2-kbit EEPROM
2004 Sep 30
22
REVISION HISTORY
Rev
Date
Description
_3
20040930
Product data sheet (9397 750 14134). Supersedes data of 2003 Jun 27 (9397 750 11682).
Modifications:
• Figure 19: resistor values changed to 10 kΩ
• “DC characteristics” table on page : add Table note 1.
• Added “Typical performance curves” section
_2
20030627
Product data (9397 750 11682); ECN 853-2369 30018 dated 11 June 2003.
Supersedes data of 2002 September 09 (9397 750 10326).
_1
20020927
Product data (9397 750 10326); ECN: 853–2369 28875 (2002 Sep 27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com