Electronic Components Datasheet Search
  English  ▼

X  

EC4329 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC4329
Description  Offiline Step-down Buck LED Driver IC with APFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4329 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC4329 Datasheet HTML 1Page - E-CMOS Corporation EC4329 Datasheet HTML 2Page - E-CMOS Corporation EC4329 Datasheet HTML 3Page - E-CMOS Corporation EC4329 Datasheet HTML 4Page - E-CMOS Corporation EC4329 Datasheet HTML 5Page - E-CMOS Corporation EC4329 Datasheet HTML 6Page - E-CMOS Corporation EC4329 Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EC4329
4I04N-Rev.F001
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 7
Offiline Step- down Buck LED Driver IC with APFC
Block Diagram
Absolute Maximun Rating( Note 1)
Symbol
Parameter
Range
Unit
VCC
Input Voltage
-0.3~8.5
V
VCS
Current Sensing Pin input Voltage
-0.3~7
V
VFB
Feedback Pin Input Voltage
-0.3~7
V
VCOMP
Compensation Pin Voltage
-0.3~7
V
PDMAX
Power Dissipation(Note 2)
0.25
W
TJ
Maximum Junction Temperature
160
℃
TSTG
Storage Temperature
-55~150
℃
Note 1: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. Under
“recommended operating conditions” the device operation is assured, but some particular parameter may not be achieved. The
electrical characteristics table defines the operation range of the device, the electrical characteristics is assured on DC and AC
voltage by test program. For the parameters without minimum and maximum value in the EC table, the typical value defines the
operation range, the accuracy is not guaranteed by spec
Note 2: The maximum power dissipation decrease if temperature rise, i
t is decided by TJMAX, θJA, and environment temperature (TA).
The maximum power dissipation is the lower one between
PDMAX = (TJMAX - TA
)/ θJA and the number listed in the maximum table. Parameter shown in column is not including external
Power MOSFET.
Recommended Operating Condition
Parameter
Range
Unit
VCC
Vcc Voltage
7.5~8.5
V
TA
Operating Temperature
-20~85
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com