Electronic Components Datasheet Search
  English  ▼

X  

EC4513 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC4513
Description  High Efficiency 1MHz, Step up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4513 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC4513 Datasheet HTML 1Page - E-CMOS Corporation EC4513 Datasheet HTML 2Page - E-CMOS Corporation EC4513 Datasheet HTML 3Page - E-CMOS Corporation EC4513 Datasheet HTML 4Page - E-CMOS Corporation EC4513 Datasheet HTML 5Page - E-CMOS Corporation EC4513 Datasheet HTML 6Page - E-CMOS Corporation EC4513 Datasheet HTML 7Page - E-CMOS Corporation EC4513 Datasheet HTML 8Page - E-CMOS Corporation EC4513 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
High Efficiency 1MHz, Step up Regulator
EC4513
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 15
3G16N-Rev.P001
General Description
The EC4513 is the high power and high efficiency boost
converter with an integrated 30V FET ideal for LCD panel backlighting
applications. 30V output voltage allows for 8 high
‐power LEDs in series,
and 3.5A inductor current limit allows for more LED strings connected in
parallel. The low 0.5V feedback voltage offers higher efficiency
in WLED driver applications. The wide input range from 2.7V to 21V
made EC4513 a perfect solution for various applications such as
LCD monitor and portable devices. The OVP pin monitors the
output voltage to protect IC during open load and FB pin short
circuit operations. The EC4513 provides the ALS pin to
simplify the interface to an ambient light sensor for automatic
dimming. The EC4513 is available in the thermally enhanced
DFN
‐10 lead 3mmx3mm package.
Features
●Wide Input Voltage Range from 2.7V to 21V
●High Current‐Limit up to 3.5A
●0.5V Reference Voltage with ±3% System Accuracy
●50mΩ Integrated N‐FET
●Fixed 1.2MHz Switching Frequency
●High Efficiency up to 95%
●Open‐LED Protection
●Under‐Voltage Lockout Protection
●ALS Control Input Pin
●Over‐Temperature Protection
●Low Shutdown Current: <1mA
●3mmx3mm DFN‐10 Package
●Lead Free and Green Devices Available
Applications
●Display Backlighting
●Automotive
●LCD Monitors
●Notebook Displays
●Portable Displays
Pin Assignments


Similar Part No. - EC4513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
White LED Step-Up Regulator
More results

Similar Description - EC4513

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
E-CMOS Corporation
EC9208 E-CMOS-EC9208 Datasheet
653Kb / 11P
High Efficiency 1MHz, 2A, Step up Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD8208 TECHCODE-TD8208 Datasheet
1Mb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
TD8213 TECHCODE-TD8213 Datasheet
838Kb / 16P
High Efficiency 1.2MHz Step Up Regulator
TD8228 TECHCODE-TD8228 Datasheet
822Kb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
First Silicon Co., Ltd
FTD8228 FS-FTD8228 Datasheet
1Mb / 12P
High Efficiency 1MHz, 2A Step Up Regulator
logo
ACE Technology Co., LTD...
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
logo
Silergy Corp.
SY7208 SILERGY-SY7208 Datasheet
166Kb / 4P
High Efficiency 1MHz, 2A Step Up Regulator
Rev. 0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com