Electronic Components Datasheet Search
  English  ▼

X  

PI5A391 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A391
Description  Bandwidth Quad Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A391 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A391 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
09/09/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A391A
PI5A392A
PI5A393A
Storage Temperature ......................................................... –65°C to +150°C
Ambient Temperature with Power Applied ......................... –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .. –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) –0.5V to +7.0V
DC Input Voltage ........................................................... –0.5V to Vcc+0.5V
DC Output Current ........................................................................... 120 mA
Power Dissipation ................................................................................. 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the de-
vice. This is a stress rating only and functional opera-
tion of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to abso-
lute maximum rating conditions for extended peri-
ods may affect reliability.
Single 5.0V Supply
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±10%, GND = 0V)
Parameters Description
Test Conditions(1)
Min. Typ(2) Max.
Units
VANALOG
Analog Signal Range
0
—
VCC
V
RON
ON-Resistance
INC or NO = 10 mA to 30 mA
—
6
12
Ω
∆RON
Match Between Channels
—
0.4
2
Ω
RFLAT(ON) RON Flatness
ION = 1 mA, VNO, VNC = 0V TO 5V
—
1
2
Ω
INO(OFF)
On/Off Leakage Current
VNO, VNC = 4.5V
–30
—
30
nA
INC(ON)
ICC
Quiescent Supply Current
VCC = 5.5V, VIN = 0V OR VCC
—
—
100
nA
IO
Output Current
VNO, VNC or VCOM = 0V to 5V
100
—
—
mA
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
—
—
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
—
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
——
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
—
—
±1
µA
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for applicable device type.
2. Guaranteed by design.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com