Electronic Components Datasheet Search
  English  ▼

X  

PI5A392A Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI5A392A
Description  Bandwidth Quad Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A392A Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI5A392A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
09/09/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A391A
PI5A392A
PI5A393A
Figure 9. Off Isolation vs Frequency
Figure 10. Crosstalk vs Frequency
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
1M
10M
100M
1G
3.3V, 5V
0
-10
-20
-30
-40
-50
-60
-70
-80
1M
10M
100M
1G
3.3V, 5V
PIN = 1dBm
TA = 25°C
RL = 100
Ω
PIN = 1dBm
TA = 25°C
RL = 100
Ω
Frequency (Hz)
Frequency (Hz)
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com