Electronic Components Datasheet Search
  English  ▼

X  

ST34BF Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # ST34BF
Description  SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

ST34BF Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  ST34BF Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ST34BF Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ST34BF THRU ST310BF
Reverse Voltage - 40 to 100 Volts
Forward Current - 3.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375
”(9.5mm)lead length,P.C.B. mounted
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
ST34BF
ST36BF
ST310BF
40
28
40
60
42
60
SYMBOLS
UNITS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
80.0
0.50
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.10
R
θJA
CJ
TJ,
TSTG
68
500
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
100
70
100
Storage temperature range
C
-55 to +150
-55 to +125
-55 to +150
20.0
10.0
0.41
0.60
0.02
V
V
V
A
A
V
0.03
60.0
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
FEATURES
MECHANICAL DATA
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction,majority carrier conduction
High efficiency operation
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,0.375” (9.5mm) lead length,
5 lbs. (2.3kg) tension
Ultra low forward voltage drop,low power losses
MDD Catalog Number
Dimensions in inches and (millimeters)
SMBF
Cathode Band
Top View
0.165(4.2)
0.173(4.4)
0.216(5.5)
0.200(5.1)
0.146(3.70)
0.138(3.50)
0.075(1.90)
0.086(2.20)
0.051(1.30)
0.043(1.10)
0.010(0.26)
0.0071(0.18)
0.051(1.30)
0.039(1.0)
Case: JEDEC SMBF molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight:57mg/0.002oz


Similar Part No. - ST34BF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ST34BF CHENDA-ST34BF Datasheet
1Mb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34BF CHENDA-ST34BF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
More results

Similar Description - ST34BF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ST34B CHENDA-ST34B Datasheet
212Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C Datasheet
210Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34F CHENDA-ST34F Datasheet
203Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54BF CHENDA-ST54BF Datasheet
286Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34A CHENDA-ST34A_V01 Datasheet
841Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54A CHENDA-ST54A_V01 Datasheet
846Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C_V01 Datasheet
922Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54B CHENDA-ST54B_V01 Datasheet
854Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
logo
ON Semiconductor
NRVTS5100ETFS ONSEMI-NRVTS5100ETFS Datasheet
69Kb / 5P
Trench Surface Mount Schottky Rectifier
June, 2018 ??Rev. 0
NRVTS360ETFS ONSEMI-NRVTS360ETFS Datasheet
179Kb / 6P
Trench Surface Mount Schottky Rectifier
February, 2019 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com