Electronic Components Datasheet Search
  English  ▼

X  

ST540L Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # ST540L
Description  TRENCH SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

ST540L Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  ST540L Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ST540L Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ST540L
ST540L THRU ST5100L
Reverse Voltage - 40 to 100 Volts
Forward Current - 5.0 Amperes
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.04 ounce, 1.10 grams
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in inches and (millimeters)
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375
”(9.5mm)lead length,P.C.B. mounted
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
DO-201AD
0.210 (5.6)
0.197 (5.0)
DIA.
DIA.
1.0 (25.4)
MIN.
0.375 (9.50)
0.285(7.20)
1.0 (25.4)
MIN.
SYMBOLS
UNITS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
5.0
60.0
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.05
R
θJA
CJ
TJ,
TSTG
25.0
400
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
Storage temperature range
C
-55 to +150
-55 to +125
-55 to +150
20.0
0.50
500
0.052 (1.3)
0.048 (1.2)
10.0
0.03
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
V
V
V
A
A
V
TRENCH SCHOTTKY RECTIFIER
ST560L
ST5100L
40
28
40
60
42
60
100
70
100
0.43
0.60
100.0
90.0
0.1
MDD Catalog Number


Similar Part No. - ST540L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST54 STMICROELECTRONICS-ST54 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
logo
Pulse A Technitrol Comp...
ST5420 PULSE-ST5420 Datasheet
1Mb / 7P
ISDN S-Interface Transformers
ST5421 PULSE-ST5421 Datasheet
1Mb / 7P
ISDN S-Interface Transformers
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
ISDN HDLC AND GCI CONTROLLER
Mar-2000
ST5451D STMICROELECTRONICS-ST5451D Datasheet
269Kb / 34P
ISDN HDLC AND GCI CONTROLLER
Mar-2000
More results

Similar Description - ST540L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60CTTN015 IRF-60CTTN015 Datasheet
74Kb / 5P
TRENCH SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
Trench Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com