Electronic Components Datasheet Search
  English  ▼

X  

AMA960N Datasheet(PDF) 1 Page - Analog Power

Part # AMA960N
Description  Dual N-Channel 60-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AMA960N Datasheet(HTML) 1 Page - Analog Power

  AMA960N Datasheet HTML 1Page - Analog Power AMA960N Datasheet HTML 2Page - Analog Power AMA960N Datasheet HTML 3Page - Analog Power AMA960N Datasheet HTML 4Page - Analog Power AMA960N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AMA960N
Dual N-Channel 60-V (D-S) MOSFET
VDS (V)
ID (A)
2.0
1.8
Symbol
Limit
Units
VDS
60
VGS
±20
TA=25°C
2.0
TA=70°C
1.6
IDM
10
IS
1.8
A
TA=25°C
1.5
TA=70°C
0.95
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
40
90
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Gate-Source Voltage
PRODUCT SUMMARY
60
rDS(on) (mΩ)
260 @ VGS = 10V
330 @ VGS = 4.5V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Continuous Drain Current
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
DFN2x2-6L
© Preliminary
1
Publication Order Number:
DS_AMA960N_1A


Similar Part No. - AMA960N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA920N ANALOGPOWER-AMA920N Datasheet
414Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET
AMA921P ANALOGPOWER-AMA921P Datasheet
365Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
AMA922N ANALOGPOWER-AMA922N Datasheet
331Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET
AMA930N ANALOGPOWER-AMA930N Datasheet
411Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
AMA931PE ANALOGPOWER-AMA931PE Datasheet
331Kb / 5P
Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AMA960N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
Dual N-Channel 60-V (D-S) MOSFET
02-Mar-09
logo
Analog Power
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
Dual N-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
435YW VBSEMI-435YW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
SSM6N7002BFU VBSEMI-SSM6N7002BFU Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
Dual N-Channel 60 V (D-S) MOSFET
04-Aug-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com