Electronic Components Datasheet Search
  English  ▼

X  

PT5071 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT5071
Description  1.5 Amp, 12V Step-Up/Step-Down Integrated Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5071 Datasheet(HTML) 2 Page - Texas Instruments

  PT5071 Datasheet HTML 1Page - Texas Instruments PT5071 Datasheet HTML 2Page - Texas Instruments PT5071 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT5071—12V
1.5 Amp, 12V Step-Up/Step-Down
Integrated Switching Regulator
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.3
0.6
0.9
1.2
1.5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.3
0.6
0.9
1.2
1.5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.3
0.6
0.9
1.2
1.5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
Safe Operating Area Curves (See Note B)
PT5071, Vin =7V
PT5071, Vin =12V
PT5071, Vin =16V
0
50
100
150
200
250
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
7.0V
12.0V
16.0V
VIN
50
60
70
80
90
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
7.0V
12.0V
16.0V
VIN
0
1
2
3
4
5
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
16.0V
12.0V
7.0V
VIN
PT5071 Performance, V
o
=12V (See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com