Electronic Components Datasheet Search
  English  ▼

X  

PC113 Datasheet(PDF) 1 Page - Picker Components

Part # PC113
Description  Miniature 12 & 20 Amp General Purpose Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC113 Datasheet(HTML) 1 Page - Picker Components

  PC113_17 Datasheet HTML 1Page - Picker Components PC113_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-096
e-mail:sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC113 Rev J 09/06/2017
1 of 2
Miniature 12 & 20 Amp General Purpose Relay
PC113
FEATURES
 1 and 2 Pole Contact Forms
 12 & 20 Amp Switching Capacity
 AC & DC Coils Available
 Available as Plug In or PC Pins
 Available with Gold Plated Contacts
 UL Class B Insulation Standards
 Arc Barrier Equipped
 Available with Top Mounting Flange
 Compatible with SC113 Series Sockets
 RoHS Compliant
E86876
Load Type
Voltage
1 Form C
(SPDT)
2 Form C
(DPDT)
General Porpose
277 VAC
250 VAC
28 VDC
20 A
20 A
20 A
10 A
12 A
12 A
Motor
125 VAC
250 VAC
1/2 HP
1/2 HP
1/2 HP
1/2 HP
3750 VA
420 W
3000 VA
336 W
Max. Switching Power
CONTACT DATA
Material
AgCdO (Silver Cadmium Oxide)
Initial Contact Resistance
50 milliohms max @ 0.1 A, 6 VDC
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
ORDERING INFORMATION
CHARACTERISTICS
Operate Time
25 ms Max
Release Time
25 ms Max
Insulation Resistance
1,000 MΩ min (at 500 VDC)
Dielectric Strength
1500 Vrms, 1 min. Between Coil and Contacts
1000 Vrms, 1 min. Between Open Contacts
1000 Vrms, 1 min. Between Contacts Poles
Shock Resistance
100 m/s2 11 ms,
Power Consumption
1 & 2 Pole DC 0.9 W, AC 1.2 VA
CHARACTERISTICS CONTINUED
Vibration Resistance
10 Hz - 55 Hz DA 1.5 mm
Terminal Strength
8N; 4N PC Type
Solderability
235 ºC ± 2°C 3 s ± 0.5 s
Pre-Heat
Operating Temperature
-40 to 70 ºC
Relative Humidity
85% (at 30°C)
Weight
37 grams
Example:
PC113
-1C
-P
-C1
-120A
-L
-X
Model: PC113
Contact Form: 1A ( 1U ), 1B or 1C; 2A, 2B or 2C
Terminal Type: Nil: Solder Lugs; P: PC Pins
Case Type: Nil: Plain Case; C1: Flange Mount Case
Coil: XXXA: AC Coil; XXXD: DC Coil
Options: Nil: None; G: Gold Plate Contacts; L: LED Indicator; D: Internal Diode
RoHS Compliant: -X: RoHS Compliant
Box Quantity: 500; Inner Box: 250
Note: LED polarity is positive on terminal 8
and negative on terminal 7
See SC113-2C for Available Plug-In Socket
See SC113-2C-PCB for Available Pin Socket


Similar Part No. - PC113_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC113-1A-P-C1-120A-X PICKER-PC113-1A-P-C1-120A-X Datasheet
299Kb / 3P
PC113
PC113-1A-P-C1-120AD-X PICKER-PC113-1A-P-C1-120AD-X Datasheet
299Kb / 3P
PC113
PC113-1A-P-C1-120AG-X PICKER-PC113-1A-P-C1-120AG-X Datasheet
299Kb / 3P
PC113
PC113-1A-P-C1-120AL-X PICKER-PC113-1A-P-C1-120AL-X Datasheet
299Kb / 3P
PC113
PC113-1A-P-C1-120D-X PICKER-PC113-1A-P-C1-120D-X Datasheet
299Kb / 3P
PC113
More results

Similar Description - PC113_17

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ755 AZETTLER-AZ755 Datasheet
91Kb / 2P
20 AMP MINIATURE POWER RELAY
AZ975 AZETTLER-AZ975 Datasheet
115Kb / 2P
20 AMP MINIATURE AUTOMOTIVE RELAY
AZ9421A AZETTLER-AZ9421A Datasheet
108Kb / 2P
20 AMP MINIATURE AUTOMOTIVE RELAY
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
15 Amp General Purpose Miniature Relay
logo
Picker Components
PC113 PICKER-PC113_14 Datasheet
330Kb / 2P
Mina ture 12 & 20 Amp General Purpose Relay
logo
ZETTLER Electronics
AZ755 ZETTLER-AZ755_12 Datasheet
50Kb / 2P
20 AMP MINIATURE POWER RELAY
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
20 AMP MINIATURE POWER RELAY
logo
Picker Components
PC113 PICKER-PC113_15 Datasheet
465Kb / 2P
Minature 12 & 20 Amp General Purpose Relay
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
Miniature 4 Pole 5 Amp General Purpose Relay
PC834 PICKER-PC834_17 Datasheet
1Mb / 2P
Minature 12 & 20 Amp General Purpose Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com