Electronic Components Datasheet Search
  English  ▼

X  

PC302 Datasheet(PDF) 1 Page - Picker Components

Part # PC302
Description  Microminiature 1 Amp Signal Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC302 Datasheet(HTML) 1 Page - Picker Components

  PC302_17 Datasheet HTML 1Page - Picker Components PC302_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC302 Rev F 1/06/2017
1 of 2
Microminiature 1 Amp Signal Relay
PC302
ORDERING INFOMATION
Example:
PC302
-12
-L1
-X
Model: PC302
Coil Voltage: 3, 5, 6, 9, 12, 24
Type of Operation: Nil: Single Side Stable;
L1: Single Coil Latching;
L2: Dual Coil Latching
RoHS Compliant: -X
Box Quantity: 4,000; Inner Box: 1,000
CONTACT DATA
Stationary
CuNi Base, AgPd+Au (Clad) Top
Material
Moveable
CuNi Base AgPd Top
Initial Contact Resistance
50 mΩ max
Service Life
Mechanical
1 X 108 Operations
Electrical
1 X 105 Operations 0.5 A 125 VAC
2 X 105 1A 30VDC
E86876
Rated Load
2 Form C
DPDT(B-M) (Crossbar Contacts)
Resistive
2 A 30 VDC
Resistive
0.5 A 125 VDC
Max. Switching Power
60 W 62.5 VA
Max. Switching Voltage
220 VDC 250 VAC
Max, Switching Current
2 A
Min. Switching Load
.01 mA 10 mV
CHARACTERISTIC
Operate Time
2.0 ms.
Release Time
1.0 ms
Insulation Resistance
1,000 MΩ min, at 500 VDC
Dielectric Strength
1,000 VAC, 1 min, Between Open Contacts
1,000 VAC, 1 min, Between Coil and Contacts
1,000 VAC, 1 min, Between Contact Poles
Surge Withstand
Voltage
FCC Part.68
1,500 V, Between Open Contacts
1,500 V, Between Coil and Contacts
2,500 V, Between Contacts Poles
Power Consumption
100 mW, 140 mW, 150 mW, 200 mW, 300 mW
CHARACTERISTIC Continued
Shock Resistance
Functional 500 m/s2 11 ms
Survival
1,000 m/s2 11 ms
Vibration
Resistance
Functional 10 Hz - 70 Hz Double Amplitude 3 mm
Survival
10 Hz - 70 Hz Double Amplitude 5 mm
Terminal Strength
5N
Solderability
235 ºC ± 2°C 3 s ± 0.5 s
Temperature.
Range
- 40°C ~ 70°C (-40° F ~ 158° F)
Weight
1.5 Grams
FEATURES
 Microminiature Design
 DIL Package for PC Board or Socket
 Low 5mm Profile
 Meets FCC Part 68 Voltage Surge
 Bifurcated Contacts for High Sensitivity
 Single and Dual Latching Coil Available
 Sealed, Immersion Cleanable
 RoHS Compliant:


Similar Part No. - PC302_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC302 PICKER-PC302_14 Datasheet
179Kb / 2P
Microminiature 1 Amp Signal Relay
More results

Similar Description - PC302_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC302S PICKER-PC302S Datasheet
173Kb / 2P
Microminiature Surface Mount Signal Relay
PC303 PICKER-PC303 Datasheet
99Kb / 2P
Microminiature Signal Relay
PC303S PICKER-PC303S Datasheet
145Kb / 2P
Microminiature Surface Mount Signal Relay
PC302 PICKER-PC302_14 Datasheet
179Kb / 2P
Microminiature 1 Amp Signal Relay
PC302S PICKER-PC302S_14 Datasheet
246Kb / 2P
Microminiature Surface Mount Signal Relay
PC303 PICKER-PC303_14 Datasheet
163Kb / 2P
Microminiature Signal Relay
PC304 PICKER-PC304 Datasheet
116Kb / 2P
Microminiature Signal Relay
PC304S PICKER-PC304S Datasheet
127Kb / 2P
Microminiature Surface Mount Signal Relay
PC302S PICKER-PC302S_17 Datasheet
556Kb / 3P
Microminiature 1 Amp Signal Relay
PC307 PICKER-PC307_17 Datasheet
1Mb / 2P
Ultraminiature 1 Amp PCB Signal Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com