Electronic Components Datasheet Search
  English  ▼

X  

PC312B Datasheet(PDF) 2 Page - Picker Components

Part # PC312B
Description  Subminiature PCB Signal Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC312B Datasheet(HTML) 2 Page - Picker Components

  PC312B_17 Datasheet HTML 1Page - Picker Components PC312B_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC312B Rev G 2/17/2017
2 of 2
PC312B
PC312B
COIL DATA
Coil Voltage
(VDC)
Coil Power
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Resistance ohms ± 10%
Rated
Max
200 mW
360 mW
450 mW
3
3.3
45
25
20
2.25
0.3
5
5.5
125
75
56
3.75
0.5
6
6.6
180
100
80
4.50
0.6
9
9.9
405
225
180
6.75
0.9
12
13.2
720
400
320
9.00
1.2
18
19.8
1620
900
720
13.5
1.8
24
26.5
2880
1600
1280
18.0
2.4
DIMENSIONS Inches/mm
Terminal Layout
(Bottom View)
Front View
PCB Mounting
(Top View)
Wiring Diagrams
(Bottom View)
Side View
Relay



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com