Electronic Components Datasheet Search
  English  ▼

X  

PC322 Datasheet(PDF) 1 Page - Picker Components

Part # PC322
Description  Subminiature PCB Signal Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC322 Datasheet(HTML) 1 Page - Picker Components

  PC322_17 Datasheet HTML 1Page - Picker Components PC322_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC322 Rev F 7/08/2016
1 of 2
Subminiature PCB Signal Relay
PC322
FEATURES
• Subminiature Design
• DIL Package for PC Board or Socket
• Contact Capacity from 50 mA to 3 A
• Meets FCC part 68 Voltage Surge
• Class “B” Insulation Standard
• Three Coil Sensitivities Available
• RoHS Compliant:
CONTACT DATA
Max. Switching Power
84 W 125 VA
Max. Switching Voltage
30 VDC 220 VAC
Max, Switching Current
3 A
Material
AgNi+Au (Clad); AgPd+Au (Clad)
Initial Contact Resistance
50 mΩ max
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
E86876
Contact Form
2 Form C, DPDT(B-M) (Crossbar Contacts)
Rated Load
Voltage
Amps
General Purpose 50K Cycles
24 VDC
1 A
Resistive 50K Cycles
125 VAC
1 A
Resistive 50K Cycles
30 VDC
2 A
CHARACTERISTIC
Operate Time
6.0 ms. Max.
Release Time
5.0 ms. Max.
Min. Switching Current 50 mA
Min. Switching Voltage 6 VDC
Insulation Resistance
1,000 MΩ min, at 500 VDC
Dielectric Strength
500 VAC, 50 Hz, Between Contacts
1000 VAC, 50 Hz, Between Coil and Contacts
Surge Withstand
Voltage
FCC Part.68
1,500 V, Between Open Contacts
1,500 V, Between Coil and Contacts
1,500 V, Between Contacts Poles
Power Consumption
150 mW, 200 mW, 360 mW, 510 mW
CHARACTERISTIC Continued
Shock Resistance
Functional
100 m/s2 11 ms
Survival
500 m/s2 11 ms
Vibration
Resistance
Functional
10 Hz - 70 Hz Double Amplitude 1.5
mm
Survival
10 Hz - 70 Hz Double Amplitude 5 mm
Terminal Strength 5N
Solderability
235 ºC ± 2°C 3 s ± 0.5 s
Temperature
Range
- 30°C ~ 70°C (-22° F ~ 158° F)
Weight
5 gr
ORDERING INFORMATION
Example:
PC322
-12
P
H
-X
Model: PC322
Coil Voltage: 4.5, 5, 6, 12, 24, 48
Contact Material: Nil: AgNi + Au; P: AgPd + Au
Sensitivity: Nil: Standard 360 mW; .51: 510 mW; H: 200 mW; L: 150 mW
RoHS Compliant: -X
Box Quantity: 2,000 ; Inner Box 1,000


Similar Part No. - PC322_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC322-12 PICKER-PC322-12 Datasheet
158Kb / 2P
Subminiature PCB Telecom Relay
PC322-12H PICKER-PC322-12H Datasheet
158Kb / 2P
Subminiature PCB Telecom Relay
PC322-12L PICKER-PC322-12L Datasheet
158Kb / 2P
Subminiature PCB Telecom Relay
PC322-12P PICKER-PC322-12P Datasheet
158Kb / 2P
Subminiature PCB Telecom Relay
PC322-12PH PICKER-PC322-12PH Datasheet
158Kb / 2P
Subminiature PCB Telecom Relay
More results

Similar Description - PC322_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
American Electronic Com...
DTC2 AEC-DTC2 Datasheet
355Kb / 3P
subminiature pcb signal relay
DTC3 AEC-DTC3 Datasheet
254Kb / 3P
subminiature pcb signal relay
logo
Picker Components
PC312 PICKER-PC312_17 Datasheet
565Kb / 2P
Subminiature PCB Signal Relay
PC312B PICKER-PC312B_17 Datasheet
565Kb / 2P
Subminiature PCB Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com