Electronic Components Datasheet Search
  English  ▼

X  

PC376 Datasheet(PDF) 1 Page - Picker Components

Part # PC376
Description  Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC376 Datasheet(HTML) 1 Page - Picker Components

  PC376_17 Datasheet HTML 1Page - Picker Components PC376_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC376 Rev H 4/04/2017
1 of 2
Subminiature PCB Power Relay
PC376
ORDERING INFOMATION
Example:
PC376
-1C
-12
S
-H
-X
Model: PC376
Contact Form: 1A, 1C
Coil Voltage: 3, 5, 6, 9, 12, 18, 24, 48
Enclosure: S: Sealed; C: Flux Free
Insulation Material: Nil: Class B; F: Class F
Coil Sensitivity: Nil: Standard 450 mW; H: Sensitive 200 mW
RoHS Compliant: -X
Box Quantity: 2,000; Inner Box 1,000
CONTACT DATA
Material
AgCdO
Initial Contact Resistance
50 mΩ Max.
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
E86876
Rated Load
1A SPST
1C SPDT
NO
NO
NC
Resistive
250 VAC
16 A
10 A
10 A
30 VDC
16 A
10 A
10 A
Max. Switching Power
480 W 4,000 VA
Max. Switching Voltage
110 VDC 380 VAC
Max. Switching Current
16 A
CHARACTERISTIC
Operate Time
10 ms. Max.
Release Time
5 ms. Max.
Insulation Resistance
100 MΩ min, at 500 VDC
750 V, 50 Hz, Between Open Contacts
Dielectric Strength
1,500 V, 50HZ, Between oil and Contacts
Shock Resistance
1000 m/s2 11 ms
Power Consumption
200 mW, 450 mW
CHARACTERISTIC Continued
Vibration Resistance
10 Hz - 55 Hz Douple Amplitude1.5 mm
Terminal Strength
10N
Solderability
235 ºC ± 2°C 3 s ± 0.5 s
Operating Temperature
- 40°C - 85°C Class B
Operating Temperature
- 40°C - 125°C Class F
Relative Humidity
85% at 20°C
Weight
10 g
FEATURES
 10 Amp continuous Contact Capacity
 1 Form A and 1 Form C Contact Forms
 Subminiature Design
 Class “B” Insulation Standard
 Sensitivity Version Available
 Sealed, Immersion Cleanable
 RoHS Compliant:


Similar Part No. - PC376_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC376 PICKER-PC376_14 Datasheet
156Kb / 2P
Subminature PCB Power Relay
More results

Similar Description - PC376_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517 Datasheet
196Kb / 2P
Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4183 DBLECTRO-HG4183 Datasheet
54Kb / 2P
Subminiature PCB Power Relay
HG4230 DBLECTRO-HG4230 Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4233 DBLECTRO-HG4233 Datasheet
55Kb / 2P
Subminiature PCB Power Relay
HG4503 DBLECTRO-HG4503 Datasheet
56Kb / 2P
Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
Automotive Subminiature PCB Power Relay
PC435 PICKER-PC435_17 Datasheet
895Kb / 2P
Subminiature PCB Power Relay
PC517 PICKER-PC517_17 Datasheet
582Kb / 2P
Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com