Electronic Components Datasheet Search
  English  ▼

X  

PC378 Datasheet(PDF) 1 Page - Picker Components

Part # PC378
Description  Low Profile Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC378 Datasheet(HTML) 1 Page - Picker Components

  PC378_17 Datasheet HTML 1Page - Picker Components PC378_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC378 Rev D 9/07/2017
1 of 2
Low Profile Miniature PCB Power Relay
PC378
ORDERING INFORMATION
Example:
PC378
-2C
-12
S
G
-X
Model: PC378
Contact Form: 1A or 1C
Coil Voltage: 5, 6, 12, 24, 48, 60
Enclosure: S: Sealed; C: Dust Cover
Contact Material: Nil: AgSnO2; N: AgNi; G: AgSnO2 + Au
RoHS Compliant: -X
Box Quantity: 2,000; Inner Box 1,000
FEATURES
 10 Amp at 250 AC/30 VDC Contact Capacity
 1A & 1C Contact Forms Available
 5 KV Dielectric Strength Between Coil and Contacts
 8 mm Creepage Distance Between Coil and Contacts
 Low Profile Design, .49 in. Tall
 Meets UL 873 Spacing
 Sealed, Immersion Cleanable
 RoHS Compliant
CONTACT DATA
Material
AgSnO2, AgNi, AgSnO2+Au (Clad)
Initial Contact Resistance
100 mΩ Max
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
E86876
Load Type
Contact Form
1A (SPST-NO)
1C (DPDT)
General
10 A @ 250 VAC
10 A @ 250 VAC
10 A @ 30 VDC
10 A @ 30 VDC
Max Switching Current
10 A
Max. Switching Power
300 W 2,500 VA
Max. Switching Voltage
125 VDC 440 VAC
CHARACTERISTICS
Operate Time
10 ms Max.
Release Time
5 ms Max.
Insulation Resistance
1,000 MΩ Min at 500 VDC
1,000 V 50Hz 1 min Between Contacts
Dielectric Strength
5,000 V 50Hz 1 min Between Contact and Coil
2,500 V 50Hz 1 min Between Contact Sets
Terminal Strength
10 N
Power Consumption
220 mW - 290 mW
Shock Resistance Functional
NO: 100 m/s2
NC: 50 m/s2
Vibration Resistance
10 Hz - 55 Hz Double Amplitude NO: 1.65 mm
No Coil Voltage NC: 0.8 mm
Solderability
260°C ± 2°C 3 s ± 0.5 s
Operating Temperature
- 40° C to 85
° C
Relative Humidity
35% - 85% at 40° C
Weight
8 grams
CHARACTERISTICS CONTINUED


Similar Part No. - PC378_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
Low Profile Minature PCB Power Relay
More results

Similar Description - PC378_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
MINIATURE PCB POWER RELAY
HG4509 ETC-HG4509 Datasheet
443Kb / 2P
LOW PROFILE MINIATURE PCB POWER RELAY
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
Miniature PCB Power Relay
HG4518 DBLECTRO-HG4518 Datasheet
60Kb / 2P
Low Profile Miniature PCB Power Relay
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
Miniature Power PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
Miniature Power PCB Relay
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
miniature pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com